Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 14Page - STMicroelectronics STA015B Datasheet HTML 15Page - STMicroelectronics STA015B Datasheet HTML 16Page - STMicroelectronics STA015B Datasheet HTML 17Page - STMicroelectronics STA015B Datasheet HTML 18Page - STMicroelectronics STA015B Datasheet HTML 19Page - STMicroelectronics STA015B Datasheet HTML 20Page - STMicroelectronics STA015B Datasheet HTML 21Page - STMicroelectronics STA015B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
18/56
6.1 STA015 REGISTERS DESCRIPTION
The STA015 device includes 128 I2C registers. In this document, only the user-oriented registers are de-
scribed. The undocumented registers are reserved. These registers must never be accessed (in Read or
in Write mode). The Read-Only registers must never be written.
The following table describes the meaning of the abbreviations used in the I2C registers description:
VERSION
Address: 0x00 (00)
Type: RO
The VERSION register is read-only and it is used to identify the IC on the application board.
IDENT
Address: 0x01
Type: RO
Software Reset: 0xAC
Hardware Reset: 0xAC
IDENT is a read-only register and is used to identify the IC on an application board. IDENT always has the
value "0xAC"
PLLCTL
Address: 0x05
Type: R/W
Software Reset: 0x21
Hardware Reset: 0x21
Symbol
Comment
NA
Not Applicable
UND
Undefined
NC
No Charge
RO
Read Only
WO
Write Only
R/W
Read and Write
R/WS
Read, Write in specific mode
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
V8
V7
V6
V5
V4
V3
V2
V1
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
10
1011
00
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
XTO_BUF
XTODIS
OCLKEN
SYS2OCLK
PPLDIS
XTI2DSPCLK
XTI2OCLK
UPD_FRAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com