Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA015B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA015B Datasheet HTML 8Page - STMicroelectronics STA015B Datasheet HTML 9Page - STMicroelectronics STA015B Datasheet HTML 10Page - STMicroelectronics STA015B Datasheet HTML 11Page - STMicroelectronics STA015B Datasheet HTML 12Page - STMicroelectronics STA015B Datasheet HTML 13Page - STMicroelectronics STA015B Datasheet HTML 14Page - STMicroelectronics STA015B Datasheet HTML 15Page - STMicroelectronics STA015B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA015
12/56
3.4 ADC Inteface
Beside the serial input interface based on SDI and SCKR lines a 3 wire flexible and user configurable input
interface is also available, suitable to interface with most A/D converters. To configure this interface 4 spe-
cific I2C registers are available (ADC_ENABLE, ADC_CONF, ADC_WLEN and ADC_WPOS). Refer to
registers description for more details.
3.5 General Purpose I/O Interface
A new general purpose I/O interface has been added to this device (TQFP44 and LFBGA64 only). Actually
only the strobe line is used in ADPCM encoding mode to provide an interrupt; other pins are reserved for
future use. The related configuration register is GPIO_CONF. See the following summary for related pin
usage:
4.0 ADPCM ENCODING: OVERVIEW
According to the previously described interfaces there are 4 ways to manage ADPCM data stream while
encoding. Input interface can be either the serial receiver block (SDI + SCKR + DATA_REQ lines) or the
ADC specific interface.
Output interfaces can be either the I2C bus (with or without interrupt line) or the GPSO high-speed serial
interface (GPSO_REQ + GPSO_ DATA + GPSO_SCKR lines). This result in the following 4 methods to
handle encoding flow:
(*) STA013 Compatible mode
Figure 10.
Name
Description
Dir
I/ODATA [0]
..................
I/ODATA [7]
GPIO data line
I/O
.....
I/O
GPIO_STROBE
GPIO strobe line
I/O
INPUT (data to encode)
Output (encoded data)
Available on package
ADC I/F (SDI_ADC + LRCK_ADC + SCK_ADC)
GPSO I/F (GPSO_REQ + GPSO_DATA +
GPSO_SCKR)
TQFP44/LFBGA64
ADC I/F (SDI_ADC + LRCK_ADC + SCK_ADC)
I2C + Interrupt (SCL + SDA +DATA_REQ)
SO28/TQFP44
LFBGA64
SERIAL I/F (SCKR + SDI + DATA_REQ)
GPSO I/F (GPSO_REQ + GPSO_DATA +
GPSO_SCKR)
TQFP44/LFBGA64
SERIAL I/F (SCKR + SDI + DATA_REQ) (*)
I2C (polling) (SCL + SDA)
SO28/TQFP44
LFBGA64
STA015
MCU
GPSO_SCKR
GPSO_SCKR
GPSO_REQ
GPSO_DATA
GPSO_DATA
GPSO_REQ
D00AU1145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com