Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 98Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 99Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 100Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 101Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 102Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 103Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 104Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 105Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.6 Port Transitions
Glitches and temporary floating inputs can occur if the control bits
regarding each port I/O pin are not performed in the correct sequence.
•
Do not use read-modify-write instructions on pulldown register A
or B.
•
Avoid glitches on port pins by writing to the port data register
before changing data direction register bits from a logic zero to a
logic one.
•
Avoid a floating port input by clearing its pulldown register bit
before changing its data direction register bit from a logic one to a
logic zero.
•
The SWPDI bit in the MOR turns off all port pulldown devices and
disables software control of the pulldown devices. Reset has no
effect on the pulldown devices when the SWPDI bit is set.
•
Two or more output pins of the same port can be connected
electrically so as to provide output currents up to the sum of the
maximum specified drive currents as defined in 15.8 DC
Electrical Characteristics (5.0 Vdc) and 15.9 DC Electrical
Characteristics (3.0 Vdc). Care must be taken to assure that all
ganged pins always maintain the same output logic value.
Table 7-4. Port C Pin Functions (28-Pin Versions Only)
Port C
Pin(s)
Control Bits
PORTC Access
(Pin or Data Register)
Result on
Port C Pins
SWPDI
(in MOR)
Port C
PDICH
PDICL
DDRCx*
Read
Write
Pulldown
Pin
PC0
PC1
PC2
PC3
0
X
0
0
Pin
Data
On
PCx In
0
X
1
0
Pin
Data
Off
PCx In
1
X
X
0
Pin
Data
Off
PCx In
X
X
X
1
Data
Data
Off
PCx Out
PC4
PC5
PC6
PC7
0
0
X
0
Pin
Data
On
PCx In
0
1
X
0
Pin
Data
Off
PCx In
1
X
X
0
Pin
Data
Off
PCx In
X
X
X
1
Data
Data
Off
PCx Out
* DDRC can always be read or written.
X = Don’t care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com