Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 102Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 103Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 104Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 105Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 106Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 107Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 108Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 109Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
8.3 Analog Multiplex Register
The analog multiplex register (AMUX) controls the general
interconnection and operation. The control bits in the AMUX are shown
in Figure 8-2.
HOLD, DHOLD
These read/write bits control the source connection to the negative
input of voltage comparator 2 shown in Figure 8-3. This allows the
voltage on the internal temperature sensing diode, the channel
selection bus, or the divide-by-two channel selection bus to charge
the internal sample capacitor and to also be presented to comparator
2. The decoding of these sources is given in Table 8-1.
During the hold case when both the HOLD and DHOLD bits are clear
the VOFF bit in the Analog Status Register (ASR) can offset the VSS
reference on the sample capacitor by approximately 100 mV. This
offset source is bypassed whenever the sample capacitor is being
charged with either the HOLD or DHOLD bit set. The VOFF bit must
be enabled by the OPT bit in the COPR at location $1FF0.
During a reset the HOLD bit is set and the DHOLD bit is cleared,
which connects the internal sample capacitor to the channel selection
bus. And since a reset also clears the MUX1:4 bits then the channel
selection bus will be connected to VSS and the internal sample
capacitor will be discharged to VSS following the reset.
NOTE:
When sampling a voltage for later conversion the HOLD and DHOLD bit
should be cleared before making any changes in the MUX channel
selection. If the MUX channel and the HOLD/DHOLD are changed on
the same write cycle to the AMUX register, the sampled voltage may be
altered during the channel switching.
$0003
Bit 7
654321
Bit 0
Read:
HOLD
DHOLD
INV
VREF
MUX4
MUX3
MUX2
MUX1
Write:
Reset:
10000000
Figure 8-2. Analog Multiplex Register (AMUX)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com