Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 116Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 117Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 118Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
The above two equations for the charge time, tCHG, can be combined to
form the following expression for the full scale count (NFS) of the
measured time versus the full scale unknown voltage (VFS):
NFS = CEXT x VFS x fOSC / (P x ICHG)
Since a given timing method has a fixed charge current and prescaler,
then the variation in the resultant count for a given unknown voltage is
mainly dependent on the operating frequency and the capacitance value
used. The desired external capacitance for a given voltage range, fOSC,
conversion method, and resolution is defined as:
CEXT = NFS x P x ICHG / (VFS x fOSC)
NOTE:
The value of any capacitor connected directly to the PB0/AN0 pin should
be limited to less than 2 microfarads. Larger capacitances will create
high discharge currents which may damage the device or create signal
noise.
The full scale voltage range for a given capacitance, fOSC, conversion
method, and resolution is defined as:
VFS = NFS x P x ICHG / (CEXT x fOSC)
Once charged to a given voltage a finite amount of time will be required
to discharge the capacitor back to its start voltage at VSS. This discharge
time will be solely based on the value of capacitance used and the
sinking current of the internal discharge device. To allow a reasonable
time for the capacitor to return to VSS levels, the discharge time should
last about 10 milliseconds per microfarad of capacitance attached to the
PB0 pin. If the total charge/discharge cycle time is critical, then the
discharge time should be at least 1/10 of the most recent charge time.
Shorter discharge times may be used if lesser accuracy in the voltage
measurement is acceptable.
NOTE:
Sufficient time should be allowed to discharge the external capacitor or
subsequent charge times will be shortened with resultant errors in timing
conversion.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com