Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 118Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 119Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 120Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 124Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 125Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
Table 8-5. Sample Conversion Timing (VDD = 5.0 Vdc)
Bits
Counts
VX
(Vdc)
A/D Method
Clock Source
fOSC
(MHz)
tCHG
(ms)
CEXT
(
µF)
4
16
3.5
Software Loop
(12 bus cycles)
(24 fOSC cycles)
Mode 0 or 1 (manual)
Low Power Oscillator
0.1
3.840
0.110
External Pin Oscillator
1.0
0.384
0.011
2.0
0.192
0.006
4.0
0.096
0.003
4
16
3.5
Programmable Timer
(prescaler = 8)
Mode 2 or 3
(TOF->ICF or OCF->ICF)
Low Power Oscillator
0.1
1.280
0.037
External Pin Oscillator
1.0
0.128
0.004
2.0
0.064
0.002
4.0
0.032
0.001
6
64
3.5
Software Loop
(12 bus cycles)
(24 fOSC cycles)
Mode 0 or 1 (manual)
Low Power Oscillator
0.1
15.36
0.439
External Pin Oscillator
1.0
1.536
0.044
2.0
0.768
0.022
4.0
0.384
0.011
6
64
3.5
Programmable Timer
(prescaler = 8)
Mode 2 or 3
(TOF->ICF or OCF->ICF)
Low Power Oscillator
0.1
5.120
0.585
External Pin Oscillator
1.0
0.512
0.059
2.0
0.256
0.029
4.0
0.128
0.015
8
256
3.5
Software Loop
(12 bus cycles)
(24 fOSC cycles)
Mode 0 or 1 (manual)
Low Power Oscillator
0.1
61.44
1.755
External Pin Oscillator
1.0
6.144
0.176
2.0
3.072
0.088
4.0
1.536
0.044
8
256
3.5
Programmable Timer
(prescaler = 8)
Mode 2 or 3
(TOF->ICF or OCF->ICF)
Low Power Oscillator
0.1
20.48
0.585
External Pin Oscillator
1.0
2.048
0.059
2.0
1.024
0.029
4.0
0.512
0.015
10
1024
3.5
Programmable Timer
(prescaler = 8)
Mode 2 or 3
(TOF->ICF or OCF->ICF)
Low Power Oscillator
0.1
(note 1)
(note 1)
External Pin Oscillator
1.0
8.192
0.234
2.0
4.096
0.117
4.0
2.048
0.059
12
4096
3.5
Programmable Timer
(prescaler = 8)
Mode 2 or 3
(TOF->ICF or OCF->ICF)
Low Power Oscillator
0.1
(note 1)
(note 1)
External Pin Oscillator
1.0
32.768
0.936
2.0
16.384
0.468
4.0
8.192
0.234
1. Not usable as the value of CEXT would be greater than 2.0 µF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com