Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 121Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 122Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 124Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 125Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 127Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 128Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 230 page
background image
Analog Subsystem
A/D Conversion Methods
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
Figure 8-9. A/D Conversion — Manual/Auto Discharge Control (Mode 1)
tDIS
(MIN)
tCHG x ICHG
CEXT
tCHG
tDIS
VX =
VMAX
CHG
COMP2
0
TOF
OCF
ICF
(MIN)
VCAP
tDIS
VX
1
2
3
1
2
Point
Action
Software/Hardware Action
Dependent Variable(s)
0
Begin initial discharge and select
mode 1 by clearing CHG and
ATD2 and setting ATD1 in the
ACR.
Software write
Software
1VCAP falls to VSS.
Wait out minimum tDIS time
VMAX, IDIS, CEXT
2
Stop discharge and begin charge by
setting CHG control bit in ACR.
Software write
Software
3
VCAP rises to VX and comparator 2
output trips, setting CPF2 and
CMP2, which clears CHG control
bit in the ACR. Reset CPF2 by
writing a “1” to CPFR2.
Wait out tCHG time.
CPF2 clears CHG control bit
VX, ICHG, CEXT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com