Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 123Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 124Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 125Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 127Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 128Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 129Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 130Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 230 page
background image
Analog Subsystem
A/D Conversion Methods
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
Figure 8-11. A/D Conversion — OCF/ICF Control (Mode 3)
tDIS
(MIN)
tCHG x ICHG
CEXT
tCHG
tDIS
VX =
VMAX
CHG
COMP2
0
TOF
OCF
ICF
(MIN)
VCAP
tDIS
VX
1
2
3
1
2
(TCAP)
Point
Action
Software/Hardware Action
Dependent Variable(s)
0
Begin initial discharge and select mode
3 by clearing CHG and setting ATD2
and ATD1 in the ACR. Also set ICEN
bit in ACR and IEDG bit in TCR.
Software write
Software
1
VCAP falls to VSS. Set timer output
compare registers (OCRH and OCRL)
to desired charge start time.
Wait out minimum tDIS time.
Software write to OCRH, OCRL.
VMAX, IDIS, CEXT,
software
2
Stop discharge and begin charge when
the next OCF sets the CHG control bit
in ACR.
Timer OCF sets the CHG control
bit in the ACR.
Free-running timer
output compare, fOSC
3
VCAP rises to VX and comparator 2
output trips, setting CPF2 and CMP2,
which causes an ICF from the timer
and clears the CHG control bit in ACR.
Must clear CPF2 in order to trap next
CPF2 flag. Load next OCF.
Wait out tCHG time.
Timer ICF clears the CHG
control bit in the ACR.
VX, ICHG, CEXT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com