Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 154Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 155Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 156Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 157Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 158Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 159Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 160Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 161Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
11.3 Timer Registers (TMRH and TMRL)
The functional block diagram of the 16-bit free-running timer counter and
timer registers is shown in Figure 11-2. The timer registers include a
transparent buffer latch on the LSB of the 16-bit timer counter.
Figure 11-2. Programmable Timer Block Diagram
The timer registers (TMRH and TMRL) shown in Figure 11-3 are read-
only locations which contain the current high and low bytes of the 16-bit
free-running counter. Writing to the timer registers has no effect. Reset
of the device presets the timer counter to $FFFC.
TMRH ($0018)
TMR LSB
16-BIT COUNTER
÷ 4
INTERNAL
(OSC
÷ 2)
TIMER CONTROL REG.
TIMER
REQUEST
OVERFLOW (TOF)
RESET
CLOCK
INTERRUPT
TMRL ($0019)
TIMER STATUS REG.
$0012
$0013
INTERNAL
($FFFC)
DATA
READ
TMRH
READ
TMRL
READ
LATCH
BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com