Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC705SP7 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # 68HC705SP7
Description  General Release Specification
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705SP7 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button 68HC705SP7 Datasheet HTML 157Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 158Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 159Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 160Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 161Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 162Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 163Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 164Page - Freescale Semiconductor, Inc 68HC705SP7 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 230 page
background image
Programmable Timer
Alternate Counter Registers (ACRH and ACRL)
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Programmable Timer
The ACRL latch is a transparent read of the LSB until a read of the
ACRH takes place. A read of the ACRH latches the LSB into the ACRL
location until the ACRL is again read. The latched value remains fixed
even if multiple reads of the ACRH take place before the next read of the
ACRL. Therefore, when reading the MSB of the timer at ACRH, the LSB
of the timer at ACRL must also be read to complete the read sequence.
During power-on reset (POR), the counter is initialized to $FFFC and
begins counting after the oscillator startup delay. Because the counter is
16 bits and preceded by a fixed prescaler, the value in the counter
repeats every 262,144 internal bus clock cycles (524,288 oscillator
cycles).
Reading the ACRH and ACRL in any order or any number of times does
not have any effect on the 16-bit free-running counter or the TOF flag bit.
NOTE:
To prevent interrupts from occurring between readings of the ACRH and
ACRL, set the I bit in the condition code register (CCR) before reading
ACRH and clear the I bit after reading ACRL.
$001A
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
11111111
$001B
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
11111100
= Unimplemented
Figure 11-5. Alternate Counter Registers (ACRH and ACRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com