Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 4 Page - Semtech Corporation

  SC418 Datasheet HTML 1Page - Semtech Corporation SC418 Datasheet HTML 2Page - Semtech Corporation SC418 Datasheet HTML 3Page - Semtech Corporation SC418 Datasheet HTML 4Page - Semtech Corporation SC418 Datasheet HTML 5Page - Semtech Corporation SC418 Datasheet HTML 6Page - Semtech Corporation SC418 Datasheet HTML 7Page - Semtech Corporation SC418 Datasheet HTML 8Page - Semtech Corporation SC418 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
SC418
4
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies (continued)
VDDA + VDDP Supply Current
ENL , EN = 0V
3
7
μA
EN = 5V, R
PSV = 115kΩ, VFB > 500mV
(2)
1.5
mA
EN = 5V, PSV = open (float), V
FB > 500mV
(2)
0.4
Operating f
SW = 250kHz, PSV = VDDA, no load
(2)
10
FB Comparator Threshold
Static VIN and load, 0 to +85 °C
0.496
0.500
0.504
V
Static VIN and load, -40 to +85 °C
0.495
0.505
V
Frequency Range
Continuous mode operation
1000
kHz
Timing
On-Time
Forced continuous mode operation,
V
IN = 15V, VOUT = 5V, RTON = 300kΩ, VDDA = 5V
2385
2650
2915
ns
VDDA < 4.5V (3)
Minimum On-Time (2)
80
ns
Minimum Off-Time(2)
250
ns
Ultrasonic Frequency(2)
Minimum switching frequency, R
PSV = 115kΩ
25
kHz
Soft-Start
Soft-Start Ramp Time(2)
V
OUT ramp from zero to programmed value
850
μs
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
Current Sense
Zero Cross Detector Threshold
LX - PGND, VDDA = 5V
-3
0
+3
mV
VDDA = 3.3V(4)
n/a
n/a
n/a
Power Good
Power Good Threshold
Upper limit, V
FB > internal 500mV reference
+20
%
Lower limit, V
FB < internal 500mV reference
-10
%
Start-Up Delay Time
Includes Soft-Start Ramp Time, VDDA = 5V,
2
ms
Includes Soft-Start Ramp Time, VDDA = 3.3V (2)
1
Fault (noise immunity) Delay Time(2)
5
µs
Leakage
PGOOD = high impedance (open)
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com