Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 22Page - Semtech Corporation SC418 Datasheet HTML 23Page - Semtech Corporation SC418 Datasheet HTML 24Page - Semtech Corporation SC418 Datasheet HTML 25Page - Semtech Corporation SC418 Datasheet HTML 26Page - Semtech Corporation SC418 Datasheet HTML 27Page - Semtech Corporation SC418 Datasheet HTML 28Page - Semtech Corporation SC418 Datasheet HTML 29Page - Semtech Corporation SC418 Datasheet HTML 30Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
SC418
27
Applications Information (continued)
All components connected to the FB pin must
be located near the pin. The FB traces should be
kept small and not routed near any noisy switch-
ing connections or power components.
Place the R
ILIM resistor near the IC. For an accu-
rate I
LIM current sense connection, route the RILIM
trace directly to the drain of the low-side MOSFET
(LX). Use an inner routing layer if needed.
Place the R
TON resistor near the TON pin. Route
R
TON to the TON pin and to AGND using short
traces and avoid all switching signals.
For the LDO components
The FBL resistors should be placed near
the FBL pin. The area of the FBL traces
should be minimized, avoiding all switch-
ing connections.
The top FBL resistor must route directly
to the LDO output capacitor. The LDO
load current should not flow through this
trace.
Bypass Capacitors
The device requires bypass capacitors for the following
pins.
VDDA pin with respect to AGND. This 0.1μF
minimum capacitor must be placed and routed
close to the IC pins, on the same layer as the IC.
VDDP with respect to PGND. This 1μF minimum
capacitor must be placed and routed close to
the IC pins and on the same layer as the IC.
BST pin with respect to LX. This 0.1μF minimum
capacitor must be placed near the IC, on either
side of the PCB. Use short traces for the routing
between the capacitor and the IC.
VLDO pin with respect to AGND.
This is the LDO output capacitor.
The placement of this capacitor is not
critical, however for routing it is important
that the top FBL resistor connects directly
to this capacitor, and that the LDO load
current does not flow through this trace.
If VLDO is not used to power the device
then a minimum 1μF capacitor referenced
to AGND is required.
If VLDO is used to power the device then
•
•
•
•
•
•
•
•
the VDDA and VDDP capacitors also
function as the LDO output capacitor.
For VDDA, a minimum 0.1μF capacitor ref-
erenced to AGND is required. For VDDP,
a minimum 1μF capacitor referenced to
PGND is required.
VIN pin with respect to AGND. This 0.1μF
minimum capacitor must be placed and routed
close to the IC pins. This capacitor provides
noise filtering for the input to the internal LDO.
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com