Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 15Page - Semtech Corporation SC418 Datasheet HTML 16Page - Semtech Corporation SC418 Datasheet HTML 17Page - Semtech Corporation SC418 Datasheet HTML 18Page - Semtech Corporation SC418 Datasheet HTML 19Page - Semtech Corporation SC418 Datasheet HTML 20Page - Semtech Corporation SC418 Datasheet HTML 21Page - Semtech Corporation SC418 Datasheet HTML 22Page - Semtech Corporation SC418 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
SC418
19
cycle. The switcher will shut off if VDDA falls below 2.7V.
VDDP does not have ULVO protection.
Note that the VDDA UVLO will not stop MOSFET switching
until the VDDA voltage falls to 2.7V. During this time the
gate driver voltages will track the VDDA supply. Not all
MOSFETs will operate or switch effectively at drive levels
of 2.7V. For this reason, it is not recommended to rely on
VDDA UVLO to shutdown the switcher unless the MOSFETs
are capable of operating with 2.7V drive.
LDO Regulator
The LDO output is programmable from 0.75V to 5.25V
using external resistors. The feedback pin (FBL) for the
LDO is regulated to 750mV. The LDO enable pin (ENL)
provides independent control. The LDO voltage can be
used to provide the bias voltage for the switching regula-
tor. When a separate source is used as the bias supply, the
LDO can be programmed to provide a different voltage.
The external resistor connections are shown in Figure 10.
VLDO
To FBL pin
RLDO2
RLDO1
Figure 10 — VLDO Resistor Divider
The LDO output voltage is set by the following equation.
2
LDO
1
LDO
R
R
1
mV
750
VLDO
A minimum capacitance of 1μF referenced to AGND is
normally required at the output of the LDO for stability. If
the LDO is providing bias power to the device, then a
minimum 0.1μF capacitor referenced to AGND is required,
along with a minimum 1μF capacitor referenced to PGND
to filter the gate drive pulses. Refer to the PCB Layout
Guidelines section.
ENL Pin and VIN UVLO
The ENL pin also acts as the V
IN under-voltage lockout for
the switcher. The V
IN UVLO voltage is programmable via a
resistor divider at the VIN, ENL and AGND pins. The V
IN
UVLO function has a typical threshold of 2.6V on the V
IN
rising edge. The falling edge threshold is 2.4V.
Timing is important when driving ENL with logic and not
implementing V
IN UVLO. The ENL pin must transition from
high to low within 2 switching cycles to avoid the PWM
output turning off. If ENL goes below the V
IN UVLO thresh-
old and stays above 1V, then the switcher will turn off but
the LDO will remain on.
Note that it is possible to operate the switcher with the
LDO disabled, but the ENL pin must be below the logic
low threshold (0.4V maximum), otherwise the V
IN UVLO
function will disable the switcher.
The table below summarizes the function of the ENL and
EN pins, with respect to the rising edge of ENL.
EN
ENL
LDO status Switcher status
low
low, < 0.4V
off
off
high
low, < 0.4V
off
on
low
high, < 2.6V
on
off
high
high, < 2.6V
on
off
low
high, > 2.6V
on
off
high
high, > 2.6V
on
on
Figure 11 shows the ENL voltage thresholds and their
effect on LDO and Switcher operation.
AGND
ENL low
threshold
(min 0.4V)
2.6V
2.4V
LDO on
LDO on
LDO off
VIN UVLO hysteresis
ENL voltage
Switcher on if EN = high
Switcher on if EN = high
Switcher off by VIN UVLO
Figure 11 — ENL Thresholds
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com