Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 12Page - Semtech Corporation SC418 Datasheet HTML 13Page - Semtech Corporation SC418 Datasheet HTML 14Page - Semtech Corporation SC418 Datasheet HTML 15Page - Semtech Corporation SC418 Datasheet HTML 16Page - Semtech Corporation SC418 Datasheet HTML 17Page - Semtech Corporation SC418 Datasheet HTML 18Page - Semtech Corporation SC418 Datasheet HTML 19Page - Semtech Corporation SC418 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SC418
16
FB Ripple
Voltage (VFB)
FB threshold
(500mV)
Inductor
Current
DH
DL
(0A)
minimum frequency
After the programmable time-out, DL drives
high if VFB has not reached the FB threshold.
DH On-time is triggered when
VFB reaches the FB Threshold
On-time
(TON)
programmable time-out
Figure 5 — Ultrasonic Power-Save Operation
The equation for determining the R
PSV resistor value is
shown next. The desired minimum frequency is f
SWMIN.
SWMIN
PSV
f
pF
350
1
R
Note: the Power-save and Ultrasonic Power-save features
are not supported for VDDA less than 4.5V.
Power-Save Mode Operation
The device provides power-save operation at light loads
with no minimum operating frequency, selected by float-
ing the PSV pin (no connection). In this mode of opera-
tion, the zero cross comparator monitors inductor current
via the voltage across the low-side MOSFET during the
off-time. If the inductor current falls to zero for 8 consecu-
tive switching cycles, the controller enters power-save
operation. It will then turn off the low-side MOSFET on
each subsequent cycle, provided that the current crosses
zero. After the low-side MOSFET is off, both high-side and
low-sides MOSFETs remain off until V
FB drops to the 500mV
threshold. While the MOSFETs are off the load is supplied
by the output capacitor. If the inductor current does not
reach zero on any switching cycle, the controller immedi-
ately exits power-save and returns to forced continuous
mode. Figure 6 shows power-save operation at light loads.
Note: the Power-save and Ultrasonic Power-save features
are not supported for VDDA less than 4.5V.
FB Ripple
Voltage
(VFB)
FB threshold
DL
DH
Inductor
Current
Zero (0A)
DH On-time is triggered when
VFB reaches the FB Threshold.
(500mV)
On-time (TON)
DL drives high when on-time is completed.
DL remains high until inductor current reaches zero.
Dead time varies
according to load
Figure 6 — Power-Save Operation
Smart Power-Save Protection
Active loads may leak current from a higher voltage into
the switcher output. Under light load conditions with
power-save enabled, this can force V
OUT to slowly rise and
reach the over-voltage threshold, resulting in a hard shut-
down. Smart power-save prevents this condition. When
the FB voltage exceeds 10% above nominal (exceeds
550mV), the device immediately disables power-save and
DL drives high to turn on the low-side MOSFET. This draws
current from V
OUT through the inductor and causes VOUT to
fall. When V
FB drops back to the 500mV trip point, a normal
T
ON switching cycle begins. This method prevents a hard
OVP shutdown and cycles energy from V
OUT back to VIN. It
also minimizes operating power by avoiding forced con-
duction mode operation. Figure 7 shows typical wave-
forms for the Smart Power-save feature.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com