Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 1 Page - Semtech Corporation

  SC418 Datasheet HTML 1Page - Semtech Corporation SC418 Datasheet HTML 2Page - Semtech Corporation SC418 Datasheet HTML 3Page - Semtech Corporation SC418 Datasheet HTML 4Page - Semtech Corporation SC418 Datasheet HTML 5Page - Semtech Corporation SC418 Datasheet HTML 6Page - Semtech Corporation SC418 Datasheet HTML 7Page - Semtech Corporation SC418 Datasheet HTML 8Page - Semtech Corporation SC418 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2010 Semtech Corporation
1
SC418
EcoSpeedTMDC-DC Buck Controller
with Programmable LDO
Features
Power system
Input voltage — 3V to 28V
Integrated bootstrap switch
Programmable LDO output — 200mA
1% reference tolerance -40 to +85 °C
Selectable internal/external bias power supply
EcoSpeedTM architecture with pseudo-fixed fre-
quency adaptive on-time control
Logic input/output control
Independent control EN for LDO and switcher
Programmable V
IN UVLO threshold
Power good output
Selectable power save mode
Programmable ultrasonic power save mode
Protections
Over-voltage/under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal shutdown
Smart power save
Output capacitor types
High ESR — SP, POSCAP, OSCON
Ceramic capacitors
Package — 3 x 3mm, 20-pin MLPQ
Lead-free and halogen free
RoHS and WEEE compliant
Applications
Office automation and computing
Networking and telecommunication equipment
Point-of-load power supplies and module replacement
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC418 is a synchronous EcoSpeedTM buck regulator
which incorporates Semtech’s advanced, patented adap-
tive on-time control architecture to provide excellent
light-load efficiency and fast transient response. It fea-
tures an integrated bootstrap switch and programmable
LDO in a 3 x 3mm package. The device is highly efficient
and uses minimal PCB area.
The SC418 supports using standard capacitor types such
as electrolytic or special polymer, in addition to ceramic, at
switching frequencies up to 1MHz. The programmable
frequency, synchronous operation, and programmable
power-save provide high efficiency operation over a wide
load range.
Additional features include cycle-by-cycle current limit,
soft-start, under and over-voltage protection, program-
mable over-current protection, soft shutdown, selectable
power-save modes, and programmable ultrasonic power-
save. The device also provides separate enable inputs for
the PWM controller and LDO as well as a power good
output for the PWM controller.
The input voltage can range from 3V to 28V. The wide
input voltage range, programmable frequency, and pro-
grammable LDO make the device extremely flexible and
easy to use in a broad range of applications. Support is
provided for single cell or multi-cell battery systems in
addition to traditional DC power supply applications.
July 27, 2010
POWER MANAGEMENT
Typical Application Circuit
VDDA
PGOOD
EN
TON
ENL
1µF
VEXT or VLDO
PGND
AGND
VLDO
ENABLE LDO
RTON
SC418
VDDP
VLDO
FBL
0.1µF
1µF
ENABLE
PGOOD
PSV
PSV
LX
ILIM RILIM
+
VOUT
COUT
L1
VOUT
FB
CIN
DH
BST
DL
VIN
VIN
VEXT or VLDO


Similar Part No. - SC418

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410EVB SEMTECH-SC410EVB Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
More results

Similar Description - SC418

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1669 MICROSEMI-LX1669 Datasheet
337Kb / 14P
PROGRAMMABLE DC : DC CONTROLLER
logo
Semtech Corporation
SC1189 SEMTECH-SC1189 Datasheet
313Kb / 16P
Programmable synchronous DC/DC Converter, Dual LDO Controller
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
EcoSpeedTM DC-DC Converter with Integrated Boost Diode
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com