Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 4Page - Semtech Corporation SC418 Datasheet HTML 5Page - Semtech Corporation SC418 Datasheet HTML 6Page - Semtech Corporation SC418 Datasheet HTML 7Page - Semtech Corporation SC418 Datasheet HTML 8Page - Semtech Corporation SC418 Datasheet HTML 9Page - Semtech Corporation SC418 Datasheet HTML 10Page - Semtech Corporation SC418 Datasheet HTML 11Page - Semtech Corporation SC418 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SC418
8
Efficiency vs. Load — Forced Continuous Mode
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
85%
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
Characteristics in this section are based on using the Detailed Application Circuit.
Efficiency vs. Load — Ultrasonic Power-save Mode
20
40
60
80
100
0.01
0.1
1
10
IOUT (A)
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V, RPSV = 115kΩ
V
OUT vs. Load — Ultrasonic Power-save Mode
0.950
0.975
1.000
1.025
1.050
1.075
1.100
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V, RPSV = 115kΩ
Efficiency vs. Load — Power-save Mode
60
70
80
90
100
0.01
0.1
1
10
IOUT (A)
Externally biased at VDDA = VDDP = 5V, VIN = 12V, VOUT = 1.050V
V
OUT vs. Load — Power-save Mode
0.950
0.975
1.000
1.025
1.050
1.075
1.100
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
Externally biased at VDDA = VDDP = 5V, VIN = 12V, VOUT = 1.050V
V
OUT vs. Load — Forced Continuous Mode
0.950
0.975
1.000
1.025
1.050
1.075
1.100
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
Internally biased at VLDO = 5V, VIN = 12V, VOUT = 1.050V
Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com