Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 11Page - Semtech Corporation SC418 Datasheet HTML 12Page - Semtech Corporation SC418 Datasheet HTML 13Page - Semtech Corporation SC418 Datasheet HTML 14Page - Semtech Corporation SC418 Datasheet HTML 15Page - Semtech Corporation SC418 Datasheet HTML 16Page - Semtech Corporation SC418 Datasheet HTML 17Page - Semtech Corporation SC418 Datasheet HTML 18Page - Semtech Corporation SC418 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
SC418
15
maintain the desired on-time; on-time is calculated
according to the voltage at the VOUT pin.
V
OUT Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT as seen through a resistor divider at the FB pin to the
internal 500mV reference voltage (see Figure 3).
R1
To FB pin
R2
VOUT
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC value of
V
OUT is offset by the output ripple according to the follow-
ing equation.
2
V
R
R
1
5
.
0
V
RIPPLE
2
1
OUT
Forced Continuous Mode Operation
The SC418 operates the switcher in Forced Continuous
Mode (FCM) by connecting the PSV pin to VDDA. (The PSV
pin should never exceed the VDDA supply.) See Figure 4
for FCM waveforms. In this mode one of the power
MOSFETs is always on, with no intentional dead time other
than to avoid cross-conduction. This results in more
uniform frequency across the full load range with the
trade-off being reduced efficiency at light loads due to
the high-frequency switching of the MOSFETs.
FB Ripple
Voltage (VFB)
FB threshold
DL
DH
Inductor
Current
DC Load Current
DH on-time is triggered when
VFB reaches the FB Threshold.
(500mV)
On-time
(TON)
DL drives high when on-time is completed.
DL remains high until VFB falls to the FB threshold.
Figure 4 — Forced Continuous Mode Operation
Programmable Ultrasonic Power-Save Operation
The device provides programmable ultrasonic power-save
operation at light loads; the minimum operating fre-
quency is programmed by connecting a resistor from PSV
to AGND. The SC418 uses the PSV resistor to set an inter-
nal timer that monitors the time between consecutive
high-side gate pulses. If the time exceeds the programmed
timer, DL drives high to turn the low-side MOSFET on. This
draws current from V
OUT through the inductor, forcing both
V
OUT and VFB to fall. When VFB drops to the 500mV thresh-
old, the next DH on-time is triggered. After the on-time is
completed the high-side MOSFET is turned off and the
low-side MOSFET turns on, and the internal timer is
restarted. The low-side MOSFET remains on until the
inductor current ramps down to zero, at which point the
low-side MOSFET is turned off. This ends the cycle until V
FB
falls below the 500mV threshold, or the internal timer
forces another DL turn-on.
Because the period between on-times is limited to a
maximum value, a minimum operating frequency is main-
tained. Figure 5 shows ultrasonic power-save operation.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com