Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 7Page - Semtech Corporation SC418 Datasheet HTML 8Page - Semtech Corporation SC418 Datasheet HTML 9Page - Semtech Corporation SC418 Datasheet HTML 10Page - Semtech Corporation SC418 Datasheet HTML 11Page - Semtech Corporation SC418 Datasheet HTML 12Page - Semtech Corporation SC418 Datasheet HTML 13Page - Semtech Corporation SC418 Datasheet HTML 14Page - Semtech Corporation SC418 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SC418
11
Pin Descriptions
Pin #
Pin Name
Pin Function
1
FB
Feedback input for switching regulator — connect to an external resistor divider from output — used to
program the output voltage.
2
FBL
Feedback input for the LDO — connect to an external resistor divider from VLDO to AGND — used to pro-
gram the LDO output.
3
VDDA
Supply input for internal analog circuits — connect to external 3.3V or 5V supply, or configure the LDO for
3.3V or 5V and connect to VLDO — also the sense input for VDDA UVLO.
4
VOUT
Switcher output voltage sense pin — also the input to the internal switch-over MOSFET between VOUT and
VLDO. The voltage at this pin must be less than or equal to the voltage at the VDDA pin.
5
NC
No Connection
6
VIN
Input supply voltage — connect to the same supply used for the high-side MOSFET. Connect a 100nF ca-
pacitor from this pin to AGND.
7
VLDO
LDO output — The voltage at this pin must be less than or equal to the voltage at the VDDA pin.
8
BST
Bootstrap pin — connect a 100nF minimum capacitor from BST to LX to develop the floating voltage for the
high-side gate drive.
9
DH
High-side gate drive output
10
LX
Switching (phase) node
11
PGND
Power ground
12
DL
Low-side gate drive output
13
VDDP
Supply input for the DH and DL gate drives — connect to the same 3.3V or 5V supply used for VDDA.
14
PSV
Power-save programming input — connect a resistor to AGND to set a minimum (ultrasonic) power-save
frequency — float pin to select power-save with no minimum frequency — pull up to VDDA to disable
power-save and select forced continuous mode.
15
PGOOD
Open-drain Power Good indicator — high impedance indicates the switching regulator output is good. An
external pull-up resistor is required.
16
ILIM
Current limit sense pin — used to program the current limit by connecting a resistor from ILIM to LX.
17
EN
Enable input for switching regulator — logic low disables the switching regulator — logic high enables the
switching regulator.
18
AGND
Analog ground
19
TON
ON time programming input — set the on-time by connecting through a resistor to AGND.
20
ENL
Enable input for the LDO and VIN UVLO input for the switching regulator — connect ENL to AGND to disable
the LDO — drive to logic high (>3V) to enable the LDO and inhibit VIN UVLO — connect to resistor divider
from VIN to AGND to program the V
IN UVLO threshold.
PAD
AGND
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com