Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 5Page - Semtech Corporation SC418 Datasheet HTML 6Page - Semtech Corporation SC418 Datasheet HTML 7Page - Semtech Corporation SC418 Datasheet HTML 8Page - Semtech Corporation SC418 Datasheet HTML 9Page - Semtech Corporation SC418 Datasheet HTML 10Page - Semtech Corporation SC418 Datasheet HTML 11Page - Semtech Corporation SC418 Datasheet HTML 12Page - Semtech Corporation SC418 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SC418
9
Characteristics in this section are based on using the Detailed Application Circuit.
Power-Save Mode — No Load
Time (2µs/div)
V
OUT
(50mV/div)
LX
(10V/div)
IOUT
(5A/div)
PGOOD
(5V/div)
Externally biased at VDDA/VDDP = 5V, V
IN = 12V, VOUT = 1.050V
Ultrasonic Powersave Mode — No Load
Time (5µs/div)
V
OUT
(50mV/div)
DH
(10V/div)
LX
(10V/div)
DL
(5V/div)
Forced Continuous Mode — No Load
Time (2µs/div)
V
OUT
(50mV/div)
DH
(10V/div)
LX
(10V/div)
DL
(5V/div)
Internally biased at V
LDO = 5V, VIN = 12V, VOUT = 1.050V, IOUT = 0A
Enabled Loaded Output — Power Good True
V
OUT
(500mV/div)
LX
(10V/div)
PGOOD
(5V/div)
Time (400µs/div)
Transient Response — Load Rising
Time (40µs/div)
Externally biased at VDDA/VDDP = 5V, V
IN = 12V, VOUT = 1.050V, IOUT = 0A to 10A
V
OUT
(50mV/div)
LX
(10V/div)
IOUT
(5A/div)
PGOOD
(5V/div)
Transient Response — Load Falling
Time (40µs/div)
V
OUT
(500mV/div)
LX
(5A/div)
PGOOD
(5V/div)
IOUT
(5A/div)
Typical Characteristics (continued)
Internally biased at V
LDO = 5V, VIN = 12V, VOUT = 1.050V, IOUT = 0A
Internally biased at V
LDO = 5V, VIN = 12V, VOUT = 1.050V, RPSV = 115k Ω
Externally biased at VDDA/VDDP = 5V, V
IN = 12V, VOUT = 1.050V, IOUT = 10A to 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com