Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 10Page - Semtech Corporation SC418 Datasheet HTML 11Page - Semtech Corporation SC418 Datasheet HTML 12Page - Semtech Corporation SC418 Datasheet HTML 13Page - Semtech Corporation SC418 Datasheet HTML 14Page - Semtech Corporation SC418 Datasheet HTML 15Page - Semtech Corporation SC418 Datasheet HTML 16Page - Semtech Corporation SC418 Datasheet HTML 17Page - Semtech Corporation SC418 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
SC418
14
comparator and a capacitor. One comparator input is con-
nected to V
OUT, the other input is connected to the
capacitor. When the on-time begins, the internal capaci-
tor charges from zero volts through a current which is
proportional to V
IN. When the capacitor voltage reaches
V
OUT, the on-time is completed and the high-side MOSFET
turns off.
Gate
Drives
FB Comparator
One-Shot
Timer
On-time = K x RTON x (VOUT/VIN)
VOUT
VIN
FB
500mV
Q1
Q2
L
COUT
VIN
ESR
+
VOUT
VLX
FB
DH
DL
RTON
+
-
Figure 2 — On-Time Generation
This method automatically produces an on-time that is
proportional to V
OUT and inversely proportional to VIN.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC418 uses an external resistor to set the on-time which
indirectly sets the frequency. The on-time can be pro-
grammed to provide an operating frequency from 200kHz
to 1MHz using a resistor between the TON pin and ground.
The resistor value is
selected by the following equation.
OUT
IN
ON
TON
V
pF
25
V
)
ns
10
T
(
R
The maximum R
TON value allowed is shown by the follow-
ing equation.
A
15
V
R
MIN
_
IN
MAX
_
TON
Immediately after the on-time, the DL output drives high
to energize the low-side MOSFET. DL has a minimum high
time of ~250ns, after which DL continues to stay high until
one of the following occurs:
VFB falls below the 500mV reference
•
The Zero Cross Detector trips if power-save is
active
TON Limitations and VDDA Supply Voltage
For VDDA below 4.5V, the TON accuracy may be limited
by V
IN. The previous RTON equation is accurate if VIN satis-
fies the below relation over the entire V
IN range:
V
IN < (VDDA - 1.6V) x 10
If V
IN exceeds ((VDDA - 1.6V) x 10) for all or part of the VIN
range, the previous RTON equation is not accurate. In all
cases where VIN > ((VDDA - 1.6V) x 10), the RTON equation
must be modifi ed as follows.
OUT
ON
TON
V
25pF
10
1.6V)
(V5V
10ns)
(T
R
Note that when V
IN is greater than ((VDDA - 1.6V) x 10), the
actual on-time is fixed and does not vary with V
IN. When
operating in this condition, the switching frequency will
vary inversely with V
IN rather than approximating fixed
frequency.
When a large capacitor is placed in parallel with R1 (CTOP)
VOUT is shown by the following equation.
2
TOP
1
2
1
2
2
TOP
1
RIPPLE
2
1
OUT
C
R
R
R
R
1
)
C
R
(
1
2
V
R
R
1
5
.
0
V
The switcher output voltage can be programmed higher
than 5V with careful design. In this case the VOUT pin
cannot connect directly to the switcher output due to its
the maximum voltage rating. An additional resistor
divider network is required to connect from the switcher
output to the VOUT pin. The voltage at the VOUT pin
should be at least 500mV lower than the VDDA supply, to
prevent the VLDO switch-over function. For example, the
voltage at the VOUT pin can be 4V if VDDA is set for 5V.
When the SC418 operates from an external power source
and the LDO is disabled by grounding the ENL pin, the
voltage at the VOUT pin can be as high as shown in
Recommended Operating Conditions. Note that RTON
must be adjusted higher by the same divider ratio to
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com