Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC418 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC418
Description  EcoSpeedTM DC-DC Buck Controller with Programmable LDO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC418 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC418 Datasheet HTML 2Page - Semtech Corporation SC418 Datasheet HTML 3Page - Semtech Corporation SC418 Datasheet HTML 4Page - Semtech Corporation SC418 Datasheet HTML 5Page - Semtech Corporation SC418 Datasheet HTML 6Page - Semtech Corporation SC418 Datasheet HTML 7Page - Semtech Corporation SC418 Datasheet HTML 8Page - Semtech Corporation SC418 Datasheet HTML 9Page - Semtech Corporation SC418 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SC418
6
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
High-Side Driver (DH, BST, LX)
Peak Current(2)
VDDP = 5V
2.0
A
On Resistance
R
DH_PULL-UP, LX < 0.5V, VDDP = 5V
3.0
6.0
Ω
R
DH_PULL-UP, LX > 0.5V, VDDP = 5V
1.0
2.0
Ω
R
DH_PULL-DOWN, VDDP = 5V
0.6
1.2
Ω
Rise Time(2)
C
DH-LX = 3nF, VDDP = 5V
22
ns
Fall Time(2)
C
DH-LX = 3nF, VDDP = 5V
12
ns
Propagation Delay(2)
From FB Comparator Input to DH
30
45
60
ns
Shoot-thru Protection Delay(2)
10
20
30
ns
Bootstrap Switch Resistance
10
Ω
Low-Side Driver (DL, VDDP, PGND)
Peak Current(2)
VDDP = 5V
4.0
A
On Resistance
R
DL_PULL-UP, VDDP = 5V
1.3
2.1
Ω
R
DL_PULL-DOWN, VDDP = 5V
0.50
0.86
Ω
Rise Time(2)
C
DL = 3nF, VDDP = 5V
7
ns
Fall Time(2)
C
DL = 3nF, VDDP = 5V
3.5
ns
Notes:
(1) VIN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
(2) Guaranteed by design.
(3) For VDDA less than 4.5V, the On-Time may be limited by the VDDA supply voltage and by V
IN. See the TON Limitations and VDDA Supply
Voltage section in the Applications Information.
(4) The Zero Cross Detector and the Power-Save and Ultrasonic Power-Save features are not supported for VDDA less than 4.5V.
(5) The ENL pin will enable the LDO with 1.0V typical. The ENL pin’s VIN ULVO function will disable the switcher unless the ENL pin exceeds the
V
IN UVLO Threshold.
(6) The switch-over threshold is the maximum voltage differential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage differential between the VLDO and VOUT pins which ensures
that VLDO will not switch-over to VOUT.
(7) The LDO drop out voltage is the voltage at which the LDO output drops 2% below the nominal regulation point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com