Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 37 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 37 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 33Page - Semtech Corporation SC667 Datasheet HTML 34Page - Semtech Corporation SC667 Datasheet HTML 35Page - Semtech Corporation SC667 Datasheet HTML 36Page - Semtech Corporation SC667 Datasheet HTML 37Page - Semtech Corporation SC667 Datasheet HTML 38Page - Semtech Corporation SC667 Datasheet HTML 39Page - Semtech Corporation SC667 Datasheet HTML 40Page - Semtech Corporation SC667 Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
SC667
37
LDO1 Control Register (0Ah)
This register is used to enable LDO1 and set its output
voltage level.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO1V3 through LDO1V0 [D3:D0]
These bits set the output voltage of LDO1 as shown in
Table 10.
Table 10 — LDO1 Control Codes
LDO1V3
LDO1V2
LDO1V1
LDO1V0
V
LDO1
0
0
0
0
OFF
0
0
0
1
3.3V
0
0
1
0
3.2V
0
0
1
1
3.1V
0
1
0
0
3.0V
0
1
0
1
2.9V
0
1
1
0
2.8V
0
1
1
1
2.7V
1
0
0
0
2.6V
1
0
0
1
2.5V
1
0
1
0
2.4V
1
0
1
1
2.2V
1
1
0
0
1.8V
1
1
0
1
1.7V
1
1
1
0
1.6V
1
1
1
1
1.5V
Register Map (continued)
LDO2 Control Register (0Bh)
This register is used to enable LDO2 and set its output
voltage level.
Bits [D5:D3]
These bits are unused and are always zeroes.
LDO2V2 through LDO2V0 [D2:D0]
These bits are used to set the output voltage of LDO2 in
accordance with Table 11.
Table 11 — LDO2 Control Codes
LDO2V2
LDO2V1
LDO2V0
V
LDO2
0
0
0
OFF
0
0
1
1.8V
0
1
0
1.7V
0
1
1
1.6V
1
0
0
1.5V
1
0
1
1.4V
1
1
0
1.3V
1
1
1
1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com