Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 8Page - Semtech Corporation SC667 Datasheet HTML 9Page - Semtech Corporation SC667 Datasheet HTML 10Page - Semtech Corporation SC667 Datasheet HTML 11Page - Semtech Corporation SC667 Datasheet HTML 12Page - Semtech Corporation SC667 Datasheet HTML 13Page - Semtech Corporation SC667 Datasheet HTML 14Page - Semtech Corporation SC667 Datasheet HTML 15Page - Semtech Corporation SC667 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
SC667
12
Block Diagram
8
9
11
10
1
20
3
4
18
19
17
2
LDO1
BL4
BL3
BL2
BL1
IN
PWM
LDO2
LDO1
GND
BYP
LDO3
LDO4
5
7
6
BL7
BL6
BL5
14
SDA
16
EN
13
SCL
ADC
12
ADI
ADRISE
ADOUT
ADFALL
VIN
LDO2
VIN
LDO3
VIN
LDO4
VIN
Register
Space
Reg (00h)
to
Reg (16h)
Digital
LP Filter
VLDO_REF
VIN
VIN
Digital
Interface
Logical
Control
LDO
DAC
Backlight
DAC
I2C
Interface
Current sink
control block
15
IRQ
logical state of bit AD_INT
VLDO4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com