Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 12Page - Semtech Corporation SC667 Datasheet HTML 13Page - Semtech Corporation SC667 Datasheet HTML 14Page - Semtech Corporation SC667 Datasheet HTML 15Page - Semtech Corporation SC667 Datasheet HTML 16Page - Semtech Corporation SC667 Datasheet HTML 17Page - Semtech Corporation SC667 Datasheet HTML 18Page - Semtech Corporation SC667 Datasheet HTML 19Page - Semtech Corporation SC667 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
SC667
16
Applications Information (continued)
occur immediately. When changing brightness without
effects, registers 02h through 05h are used for this func-
tion. The target values of registers 06h through 09h are
not involved.
Figure 8 illustrates the brightness change with respect to
time. An example of brightness change to bank #4 with
no lighting effect, is as follows:
I
BL_INITIAL = previous value written to register 05h
I
BL_FINAL = new value written to register 05h
The register 05h bit B4FEN must equal 0, and register 09h
bit B4BEN must equal 0, however, the “Target” value of
register 09h has no effect on the final current.
Fade State Diagram
The state diagram in Figure 2 describes the fade opera-
tion. If the backlight enable bits are disabled during an
Write
BxFEN=0
Write new
bright level
No change
Write new
bright
level
Write new
bright level
Fade is
redirected toward
the new value
from current
state
Fade
begins
Fade
ends
Immediate
change to
new bright
level
No
change
No change
Immediate
change to new
bright level
Write
new fade
rate
Continue
fade using
new rate
Write entire
bank’s enable bits
BLxEN = 0
Bank
turns off
immediately
Write
BLxEN = 1
Fade begins
at 0mA
Fade
processing
BxFEN=0
Backlights
disabled
Write
BxFEN=1
Write
BxFEN=0
BxFEN=1
Write
BxFEN=1
Write
BxFEN=0
or
Write {0,0,0}
to effect rate
bits register
0Fh
Write
BxFEN=1
Figure 2 — State Diagram for Fade Function
•
•
I
BL_FINAL = new value written to register 04h (register
07h bit B3BEN must equal 0), however, the“Target”
value of register 07h has no effect on fade.
t
FADE_IN = contents of bits ER2_[2:0] in register 0Fh
t
FADE_OUT = tFADE_IN
Auto-Dim Lighting Effect
Two auto-dim settings are provided — auto-dim full and
auto-dim partial. These settings provide automatic
dimming of bank #1.The auto-dim delay times are set using
the group #1 target and start time register (10h). Delay
times are 8 times the group #1 target and start times.
Auto-dim full provides a time-out and dimming function
followed by a time-out and turn-off function. Auto-dim
full begins when the bank is enabled (or re-enabled), the
bank will first go to the target current and wait for a count
of 8 times the group #1 target time. The bank will then
dim to the “start” current and wait for a count of 8 times
the group #1 start time. The bank will then turn off.
Auto dim partial provides the time-out and dimming func-
tion, but does not turn off backlights. Auto-dim partial
begins when the bank is enabled (or re-enabled), the bank
will first go to the target current and wait for a count of 8
times the group #1 target time. The bank will then dim to
the“start”current. The bank will not turn off automatically.
Auto-dim is available only for group #1. After selecting an
auto-dim option, the bank’s blink effect must be enabled to
enable auto-dim. The bank must then be enabled or re-
enabled to begin the auto-dim. Auto-dim partial is illustrated
in Figure 6, and auto-dim full is illustrated in Figure 7.
Brightness Change without Effects
There are two ways to change brightness while using no
lighting effect. One way is to set the effect rate option to
the zero value “snap to target”(a function of register 0Fh).
This method will block all lighting effects on all banks
within a group. Another way to change brightness, with
no lighting effect, is to set the BxFEN and BxBEN both
equal to zero. This second method will block all lighting
effects on a single bank, and with no influence over other
banks within the group.
Writing a new value to the backlight current register, while
effects are disabled, will cause the change in brightness to
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com