Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 38 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 34Page - Semtech Corporation SC667 Datasheet HTML 35Page - Semtech Corporation SC667 Datasheet HTML 36Page - Semtech Corporation SC667 Datasheet HTML 37Page - Semtech Corporation SC667 Datasheet HTML 38Page - Semtech Corporation SC667 Datasheet HTML 39Page - Semtech Corporation SC667 Datasheet HTML 40Page - Semtech Corporation SC667 Datasheet HTML 41Page - Semtech Corporation SC667 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
SC667
38
LDO3 Control Register (0Ch)
This register is used to enable LDO3 and set its output
voltage level.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO3V3 through LDO3V0 [D3:D0]
These bits are used to set the output voltage of LDO3 as
shown in Table 12.
Table 12 — LDO3 Control Codes
LDO3V3
LDO3V2
LDO3V1
LDO3V0
V
LDO3
0
0
0
0
OFF
0
0
0
1
3.3V
0
0
1
0
3.2V
0
0
1
1
3.1V
0
1
0
0
3.0V
0
1
0
1
2.9V
0
1
1
0
2.8V
0
1
1
1
2.7V
1
0
0
0
2.6V
1
0
0
1
2.5V
1
0
1
0
2.4V
1
0
1
1
2.2v
1
1
0
0
1.8V
1
1
0
1
1.7V
1
1
1
0
1.6V
1
1
1
1
1.5V
Register Map (continued)
LDO4 Control Register (0Dh)
This register is used to enable LDO4, set its output voltage
level, and provide power for the internal ADC. The ADC
will not function without first turning on LDO4.
The output of LDO4 is used internally to provide the full-
scale reference voltage for the ADC. When the ADC is
active, LDO4 also provides a convenient source of power
for devices such as ambient light sensors and temperature
sensors.
Bits [D5:D4]
These bits are unused and are always zeroes.
LDO4V3 through LDO4V0 [D3:D0]
These bits are used to set the output voltage of LDO4 as
shown in Table 13.
Table 13 — LDO4 Control Codes
LDO4V3
LDO4V2
LDO4V1
LDO4V0
V
LDO4
0
0
0
0
OFF
0
0
0
1
3.3V
0
0
1
0
3.2V
0
0
1
1
3.1V
0
1
0
0
3.0V
0
1
0
1
2.9V
0
1
1
0
2.8V
0
1
1
1
2.7V
1
0
0
0
2.6V
1
0
0
1
2.5V
1
0
1
0
2.4V
1
0
1
1
2.2V
1
1
0
0
1.8V
1
1
0
1
1.7V
1
1
1
0
1.6V
1
1
1
1
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com