Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 40 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 36Page - Semtech Corporation SC667 Datasheet HTML 37Page - Semtech Corporation SC667 Datasheet HTML 38Page - Semtech Corporation SC667 Datasheet HTML 39Page - Semtech Corporation SC667 Datasheet HTML 40Page - Semtech Corporation SC667 Datasheet HTML 41Page - Semtech Corporation SC667 Datasheet HTML 42Page - Semtech Corporation SC667 Datasheet HTML 43Page - Semtech Corporation SC667 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
SC667
40
Group #1 Target and Start Times Register (10h)
This register is used to set the duration that the backlights
will stay at the start value and at the target value. This
feature provides additional customization of the breathe
and blink lighting effects. Register 10h will only effect
banks that are assigned to group #1.
TT1_2, TT1_1, and TT1_0 [D5:D3]
These bits set the duration that backlights will stay at the
target value. These bits effect only banks assigned to
group #1. Target times are given in Table 18.
Table 18 — Target Time (Group #1)
TT1_2
TT1_1
TT1_0
Target Time (ms)
0
0
0
32
0
0
1
64
0
1
0
256
0
1
1
512
1
0
0
1024
1
0
1
2048
1
1
0
3072
1
1
1
4096
ST1_2, ST1_1, and ST1_0 [D2:D0]
These bits set the duration of time that backlights will stay
at the starting value. These bits effect only banks assigned
to group #1. Start times are given in Table 19.
Table 19 — Start Time (Group #1)
ST1_2
ST1_1
ST1_0
Start Time (ms)
0
0
0
32
0
0
1
64
0
1
0
256
0
1
1
512
1
0
0
1024
1
0
1
2048
1
1
0
3072
1
1
1
4096
Register Map (continued)
Group #2 Target and Start Times Register (11h)
This register is used to set the duration that the backlights
will stay at the start value and at the target value. This
feature provides additional customization of the breathe
and blink lighting effects. Register 11h will only effect
banks that are assigned to group #2.
TT2_2, TT2_1, and TT2_0 [D5:D3]
These bits set the duration that backlights will stay at the
target value. These bits effect only banks assigned to
group #2. Target times are given in Table 20.
Table 20 — Target Time (Group #2)
TT2_2
TT2_1
TT2_0
Target Time (ms)
0
0
0
32
0
0
1
64
0
1
0
256
0
1
1
512
1
0
0
1024
1
0
1
2048
1
1
0
3072
1
1
1
4096
ST2_2, ST2_1, and ST2_0 [D2:D0]
These bits set the duration that backlights will stay at the
starting value. These bits effect only banks assigned to
group #2. Start times are given in Table 21.
Table 21 — Start Time (Group #2)
ST2_2
ST2_1
ST2_0
Start Time (ms)
0
0
0
32
0
0
1
64
0
1
0
256
0
1
1
512
1
0
0
1024
1
0
1
2048
1
1
0
3072
1
1
1
4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com