Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 43 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 43 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 39Page - Semtech Corporation SC667 Datasheet HTML 40Page - Semtech Corporation SC667 Datasheet HTML 41Page - Semtech Corporation SC667 Datasheet HTML 42Page - Semtech Corporation SC667 Datasheet HTML 43Page - Semtech Corporation SC667 Datasheet HTML 44Page - Semtech Corporation SC667 Datasheet HTML 45Page - Semtech Corporation SC667 Datasheet HTML 46Page - Semtech Corporation SC667 Datasheet HTML 47Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
SC667
43
Register Map (continued)
To calculate the voltage at the ADC input, the weights of
only the bits set to one are summed together and multi-
plied by the voltage provided by LDO4. The result is equal
to the analog voltage applied to the ADI pin. For example,
if the value of register 13h reads AD
OUT = 01111111,
and V
LDO4 = 2.8V, the ADC input is at:
2.8 x (4-1 + 8-1 + 16-1 + 32-1 + 64-1 + 128-1 + 256-1) = 1.38V.
ADC Rising Threshold (14h)
This register contains the value AD
RISE. When ADOUT rises
above AD
RISE and AD_AUTO = 1, backlight bank #1 changes
to the target value in the bank #1 target register (06h).
AD_R7 through AD_R0 [D7:D0]
These are the 8 bits of AD
RISE. AD_R7 is the MSB, and AD_R0
is the LSB.
ADC Falling Threshold (15h)
This register contains the value AD
FALL. When ADOUT falls
below AD
FALL and AD_AUTO = 1, backlight bank #1 changes
to the starting value in the bank #1 register (02h).
AD_F7 through AD_F0 [D7:D0]
These are the 8 bits of AD
FALL. AD_F7 is the MSB, and AD_F0
is the LSB.
ADP and OLE Functions (16h)
ADP (Automatic Drop-out Protection) and OLE (Other
Lighting Effects) are controlled with this register. ADP
applies to bank #1 only.
ADP ensures current matching in the LEDs by responding
to a low battery voltage. ADP limits the maximum back-
light current to a level which ensures that backlight LEDs
maintain matched currents. The ADP feature also prevents
the ripple on a low battery from inducing flicker in the
LEDs. As the battery voltage gradually proceeds lower,
ADP gradually dims the backlights. The normal backlight
brightness is restored after the battery is recharged by
writing a logic zero to the ADP_EN bit.
Bank #1 will try to resume the original backlight current
setting whenever ADP_EN = 0. Also, if any bank #1 current
sink is floating, the ADP_EN bit is cleared automatically.
Any write operations to change the following bit combi-
nations in register 01h will also cause bank #1 to resume
the original setting:
DIS = 1, EN = 0, BANK1EN = 1
DIS = 0, EN = 1, BANK1EN = 1
DIS = 1, EN = 1, BANK1EN = 1
ADP_ACT Bit D6
This bit is a flag. A logic one indicates that ADP has been
activated. Once activated, the ADP is limiting the backlight
current. This flag bit is reset when ADP_EN = 0, or when
any bank#1 current sink is floating, or by writing any of the
following bit combinations in register 01h:
DIS = 1, EN = 0, BANK1EN = 1
DIS = 0, EN = 1, BANK1EN = 1
DIS = 1, EN = 1, BANK1EN = 1
ADP_RATE Bit D5
This bit sets the time that elapses before backlight current
reduces after ADP activates. A logic one delays reduction
of current for 4ms. A logic zero delays reduction of current
for 256µs.
When a reduction in bank #1 backlight current becomes
necessary, the first step change is delayed for 4ms (logic
one) or 256µs (logic zero). If bank #1 continues to need a
current reduction after the delay time has elapsed, the
brightness setting is lowered by one step. If further reduc-
tions in current are needed, the second and all subsequent
reductions occur at a faster rate equal to1/4 of the initial
delay time. Further reductions in current will stop when
the backlight accuracy and matching have normalized.
When 4ms is selected, the 1st delay = 4ms, and the 2nd and all
subsequent delays = 1ms. When 256μs is selected, the 1st
delay = 256μs, and the 2nd and all subsequent delays = 64μs.
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com