Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 44 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 39Page - Semtech Corporation SC667 Datasheet HTML 40Page - Semtech Corporation SC667 Datasheet HTML 41Page - Semtech Corporation SC667 Datasheet HTML 42Page - Semtech Corporation SC667 Datasheet HTML 43Page - Semtech Corporation SC667 Datasheet HTML 44Page - Semtech Corporation SC667 Datasheet HTML 45Page - Semtech Corporation SC667 Datasheet HTML 46Page - Semtech Corporation SC667 Datasheet HTML 47Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
SC667
44
Register Map (continued)
ADP_EN Bit D4
This bit enables the ADP function. ADP is enabled when
this bit is a logic one. ADP is disabled when this bit is a
logic zero.
OLE_EN2 through OLE_EN0 Bits [D3:D1]
These bits enable Other Lighting Effects (OLE), including
the auto-dim full and auto-dim partial, as shown in Table
25. Auto-dim functions are described in detail in the
Applications Information section.
Table 25 — OLE Bits
OLE_EN2 OLE_EN1 OLE_EN0
Lighting Effect
0
0
0
Reserved (no effects)
0
0
1
Auto-dim full (group #1)
0
1
0
Auto-dim partial (group #1)
0
1
1
Reserved (no effects)
1
0
0
1
0
1
1
1
0
1
1
1
PWM_BYP Bit D0
When this bit is a logic zero, the PWM pin functions nor-
mally. When this bit is a logic one, the PWM pin is disabled,
so that a high or low on the PWM pin has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com