Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 31 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 27Page - Semtech Corporation SC667 Datasheet HTML 28Page - Semtech Corporation SC667 Datasheet HTML 29Page - Semtech Corporation SC667 Datasheet HTML 30Page - Semtech Corporation SC667 Datasheet HTML 31Page - Semtech Corporation SC667 Datasheet HTML 32Page - Semtech Corporation SC667 Datasheet HTML 33Page - Semtech Corporation SC667 Datasheet HTML 34Page - Semtech Corporation SC667 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
SC667
31
Register Map (continued)
Bank #3 Backlight Register (04h)
This register is used to set the current for the backlight
LEDs in bank #3 and to enable the lighting effect feature
for bank #3. These backlights can be turned off using the
backlight enable bits of registers 00h and 01h. Writing the
0mA value into this register will also turn off the back-
lights, but only if the blink and breathe effects are
disabled.
B3FEN Bit D5
This bit works in conjunction with the B1BEN bit of register
08h to set a lighting effect for bank #3. Figure 23 shows
the lighting effects which are enabled by the combination
of B3FEN and B3BEN. When fade is enabled, fading will
occur in bank #3 each time the bank #3 current is changed,
enabled, or disabled. Blink and breathe functions run in a
continuous loop when they are enabled.
B3BEN = 0
B3FEN = 0
B3BEN = 0
B3FEN = 1
B3BEN = 1
B3FEN = 0
B3BEN = 1
B3FEN = 1
Fade
No Light Effect
Breathe
Bank #3
Blink
Figure 23 — Bank #3 Lighting Effect
IB3_4 through IB3_0 [Bits D4:D0]
These bits are used to set the current for the backlight
LEDs in bank #3. All bank #3 enabled current sinks will
sink the same current as shown in Table 4.
Table 4 — Bank #3 Backlight Current
IB3_4 IB3_3 IB3_2 IB3_1 IB3_0
Backlight
Current (mA)
0
0
0
0
0
0
0
0
0
0
1
0.05
0
0
0
1
0
0.1
0
0
0
1
1
0.2
0
0
1
0
0
0.5
0
0
1
0
1
1
0
0
1
1
0
1.5
0
0
1
1
1
2
0
1
0
0
0
2.5
0
1
0
0
1
3
0
1
0
1
0
3.5
0
1
0
1
1
4
0
1
1
0
0
4.5
0
1
1
0
1
5
0
1
1
1
0
6
0
1
1
1
1
7
1
0
0
0
0
8
1
0
0
0
1
9
1
0
0
1
0
10
1
0
0
1
1
11
1
0
1
0
0
12
1
0
1
0
1
13
1
0
1
1
0
14
1
0
1
1
1
15
1
1
0
0
0
16
1
1
0
0
1
17
1
1
0
1
0
18
1
1
0
1
1
19
1
1
1
0
0
20
1
1
1
0
1
21
1
1
1
1
0
23
1
1
1
1
1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com