Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 19Page - Semtech Corporation SC667 Datasheet HTML 20Page - Semtech Corporation SC667 Datasheet HTML 21Page - Semtech Corporation SC667 Datasheet HTML 22Page - Semtech Corporation SC667 Datasheet HTML 23Page - Semtech Corporation SC667 Datasheet HTML 24Page - Semtech Corporation SC667 Datasheet HTML 25Page - Semtech Corporation SC667 Datasheet HTML 26Page - Semtech Corporation SC667 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
SC667
23
Applications Information (continued)
Thermal Management
A junction temperature calculation should be performed
for each new application design to ensure the device will
not exceed 125°C during normal operation. The first step
is to determine how much power can be dissipated by the
SC667 in the application. The following formula approxi-
mates the maximum dissipation. This formula can be used
to sum the maximum internal power dissipation required
of each LDO and each backlight sink.
7
1
m
BLm
BLm
4
1
n
LDOn
LDOn
IN
D
I
V
I
)
V
V
(
P
The resulting power dissipation can then be used in the
calculation for maximum junction temperature.
D
JA
A
J
P
T
T
where,
T
A = Maximum ambient temperature rating in °C.
Q
JA= Thermal resistance, from junction to ambient, equal
to 35°C/W for a optimum circuit board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com