Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 18Page - Semtech Corporation SC667 Datasheet HTML 19Page - Semtech Corporation SC667 Datasheet HTML 20Page - Semtech Corporation SC667 Datasheet HTML 21Page - Semtech Corporation SC667 Datasheet HTML 22Page - Semtech Corporation SC667 Datasheet HTML 23Page - Semtech Corporation SC667 Datasheet HTML 24Page - Semtech Corporation SC667 Datasheet HTML 25Page - Semtech Corporation SC667 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
SC667
22
Applications Information (continued)
General Purpose ADC
The ADI pin may also be used for general purpose ADC
functions. For example, a linear temperature sensor may
be added to the application circuit, and the SC667 may
provide temperature data or an over-temperature warning
flag. In this case, registers 13h, 14h, and 15h can be used
to store the ADC reading and set thresholds that will
trigger and interrupt output if the reading does not remain
between them.
IRQ Output
A hardware interrupt request function is provided by the IRQ
pin. This is an open-drain, active-low output that provides a
flag indicating that the ALS input has exceeded a threshold
level, or indicates that an overflow or underflow condition
exists. Refer to Figure 16 for a description of this function.
Bit
AD_CMP
changes
state
Interrupt is set
AD_INT ⇒ 1
and
VIRQ ⇒ 0 Volts
at the IRQ pin
Interrupt is reset
AD_INT ⇒ 0
and
VIRQ ⇒ VDD
at the IRQ pin
Read
register 12h
or
Write
CLR_INT = 1
AD_SATEN = 0
AD_OF = 1
or
AD_UF = 1
and
AD_SATEN
0 ⇒ 1
AD_SATEN = 1
and
AD_OF
0 ⇒ 1
or
AD_UF
0 ⇒ 1
Figure 16 — IRQ Pin State Diagram
Programmable LDO Outputs
Four LDO (low dropout) regulators are included to supply
power to peripheral circuits. Each LDO output voltage
setting has ±3.5% accuracy over the line, load, and operat-
ing temperature ranges. Output current greater than
specification is possible at somewhat reduced accuracy
(refer to the typical characteristic section of this datasheet
for load regulation examples). LDO1, LDO3, and LDO4
have identical specifications, with a programmable output
ranging from 1.5V to 3.3V. LDO2 is specified to operate
with programmable output ranging from 1.2V to 1.8V. All
of the LDOs are low noise and can be used with noise sen-
sitive circuits.
LDO4 is internally connected to the ADC (Analog to Digital
Converter) to provide the reference voltage for the ADC.
LDO4 must be enabled for the ADC to function. When the
ALS function is used, LDO4 may also be used to provide
power to the external ALS circuit.
Shutdown Mode
The device is disabled when the EN pin is held low for the
shutdown time specified in the electrical characteristics
section. All registers are reset to default conditions at shut-
down. Typical current consumption in this mode is 0.1µA.
Sleep Mode
Sleep mode is activated when all backlights are off. This is
a reduced current mode that helps minimize overall
current consumption. In sleep mode, the I2C interface
continues to monitor its input for commands from the
host processor. All registers retain their settings in sleep
mode. Typical current consumption in this mode is 90µA.
Protection Features
The SC667 provides OT (Over-temperature) protection
and LDO current limiting to safeguard the device from
catastrophic failures.
Over-Temperature Protection
The OT protection circuit prevents the device from over-
heating and experiencing a catastrophic failure. When the
junction temperature exceeds 165°C, the device goes into
thermal shutdown with all outputs disabled until the junc-
tion temperature is reduced. All register information is
retained during thermal shutdown. Hysteresis of 30°C is
provided to ensure that the device cools sufficiently before
re-enabling.
LDO Current Limit
The device limits current at each LDO output pin. The
typical limit is 400mA, with a minimum limit rating of
200mA. The LDOs may be used for up to 200mA without
tripping the current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com