Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC667 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC667
Description  7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC667 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC667 Datasheet HTML 7Page - Semtech Corporation SC667 Datasheet HTML 8Page - Semtech Corporation SC667 Datasheet HTML 9Page - Semtech Corporation SC667 Datasheet HTML 10Page - Semtech Corporation SC667 Datasheet HTML 11Page - Semtech Corporation SC667 Datasheet HTML 12Page - Semtech Corporation SC667 Datasheet HTML 13Page - Semtech Corporation SC667 Datasheet HTML 14Page - Semtech Corporation SC667 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
SC667
11
Pin Descriptions
Pin #
Pin Name
Pin Function
1
LDO1
LDO1 output
2
VIN
Battery voltage input
3
GND
Ground pin
4
PWM
Backlight PWM control signal input
5
BL7
Current sink output for backlight LED 7 — leave this pin open if unused
6
BL6
Current sink output for backlight LED 6 — leave this pin open if unused
7
BL5
Current sink output for backlight LED 5 — leave this pin open if unused
8
BL4
Current sink output for backlight LED 4 — leave this pin open if unused
9
BL3
Current sink output for backlight LED 3 — leave this pin open if unused
10
BL2
Current sink output for backlight LED 2 — leave this pin open if unused
11
BL1
Current sink output for backlight LED 1 — leave this pin open if unused
12
ADI
ADC input
13
SCL
I2C clock input
14
SDA
I2C data — bi-directional line used for read and write operations for all internal registers (refer to
Register Map and I2C Interface sections)
15
IRQ
Interrupt request — open-drain output, active-low
16
EN
Chip enable — active high
17
BYP
Bypass pin for LDO reference — connect a 22nF ceramic capacitor to GND
18
LDO4
LDO4 output
19
LDO3
LDO3 output
20
LDO2
LDO2 output
T
THERMAL PAD
Thermal pad for heatsinking purposes — connect to ground plane using multiple vias — not con-
nected internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com