Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 38 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 34Page - Semtech Corporation SC668 Datasheet HTML 35Page - Semtech Corporation SC668 Datasheet HTML 36Page - Semtech Corporation SC668 Datasheet HTML 37Page - Semtech Corporation SC668 Datasheet HTML 38Page - Semtech Corporation SC668 Datasheet HTML 39Page - Semtech Corporation SC668 Datasheet HTML 40Page - Semtech Corporation SC668 Datasheet HTML 41Page - Semtech Corporation SC668 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
SC668
38
Lighting Effects Assignment Register (0Eh)
This register is used to assign the backlight LEDs to four
banks, bank #1, bank #2, bank #3, and bank #4. This regis-
ter is also used to assign the banks to two groups, group
#1 and group #2. Group #1 and group #2 are assigned
independently to a lighting effect and an effect rate, as
described in the next section, Effect Rate Options.
GRP1 and GRP0 [D4:D3]
These bits are used to assign banks into two groups of
independent lighting effects and effect rates. The group
assignments are shown in Table 14.
Table 14 — Lighting Effect Assignments
GRP1 GRP0
Bank(s) Assigned
Group #1
Bank(s) Assigned
to Group #2
0
0
#1
#2, #3, and #4
0
1
#1 and #2
#3 and #4
1
0
#1, #2, and #3
#4
1
1
#1,# 2, #3, and #4
no banks assigned
BANK2, BANK1, and BANK0 [D2:D0]
These bits provide bank assignments for all backlight
LEDs. Backlight bank assignments are shown in Table 15.
The table shows the backlight pins assigned to each of the
four banks, as assigned by the data bits BANK2, BANK1,
and BANK0.
Table 15 — Backlight Bank Assignments
Bank
#4
Bank
#3
Bank
#2
Bank
#1
0
0
0
-
-
-
BL1 - BL8
0
0
1
-
-
BL1
BL2 - BL8
0
1
0
-
-
BL1 - BL2
BL3 - BL8
0
1
1
-
BL1
BL2
BL3 - BL8
1
0
0
-
-
BL1 - BL3
BL4 - BL8
1
0
1
BL1
BL2
BL3
BL4 - BL8
1
1
0
BL1
BL2
BL3 - BL4
BL5 - BL8
1
1
1
BL1
BL2
BL3 - BL5
BL6 - BL8
Register Map (continued)
Effect Rate Options (0Fh)
This register is used to set the effects rate for the fade and
breathe effects. Different effect rates may be applied to
group #1 and group #2.
ER2_2, ER2_1, and ER2_0 [D5:D3]
Banks assigned to group #2 will step through settings at
the rate shown in Table 16.
Table 16 — Effect Rates for Group #2
ER2_2
ER2_1
ER2_0
Breathe Rate
(ms/step)
Fade Rate
(ms/step)
0
0
0
snap to target
snap to target
0
0
1
4
1
0
1
0
8
2
0
1
1
16
4
1
0
0
24
6
1
0
1
32
8
1
1
0
48
12
1
1
1
64
16
ER1_2, ER1_1, and ER1_0 [D2:D0]
Banks assigned to group #1 will step through settings at
the rate shown in table 17.
Table 17 — Effect Rates for Group #1
ER1_2
ER1_1
ER1_0
Breathe Rate
(ms/step)
Fade Rate
(ms/step)
0
0
0
snap to target
snap to target
0
0
1
4
1
0
1
0
8
2
0
1
1
16
4
1
0
0
24
6
1
0
1
32
8
1
1
0
48
12
1
1
1
64
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com