Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 1 Page - Semtech Corporation

  SC668 Datasheet HTML 1Page - Semtech Corporation SC668 Datasheet HTML 2Page - Semtech Corporation SC668 Datasheet HTML 3Page - Semtech Corporation SC668 Datasheet HTML 4Page - Semtech Corporation SC668 Datasheet HTML 5Page - Semtech Corporation SC668 Datasheet HTML 6Page - Semtech Corporation SC668 Datasheet HTML 7Page - Semtech Corporation SC668 Datasheet HTML 8Page - Semtech Corporation SC668 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© 2010 Semtech Corporation
POWER MANAGEMENT
1
SC668
8 LED Light Management Unit
Automatic Dropout Prevention , Ambient Light
Sense Input, PWM Dimming, and 4 LDOs
SC668
2.9 to 5.5V
IN
ADI
EN
BYP
LDO3
LDO4
GND
LDO2
BL3
BL7
Ambient Light Sensor
Device Enable
BL1
LDO1
CIN
CBYP
C1
C2
C3
C4
PWM
Backlight PWM
SDA
I2C Data
SCL
I2C Clock
BL2
BL4
BL5
BL6
LDO1
LDO4
LDO3
LDO2
VIN
RSDA
RSCL
VLDO4
VIN
BL8
Typical Application Circuit
May 24, 2010
Features
Eight LED backlight sinks with 32 current settings
from — 0mA to 25mA
Up to four LED backlight banks
Lighting effects — fade-in/fade-out, breathe, blink,
auto-dim full, and auto-dim partial functions
ADP (Automatic Dropout Protection) for backlights
ALS (Ambient Light Sense) option sets the backlight
brightness according to ambient lighting conditions
I2C Bus fast mode and standard mode
Backlight current accuracy — ± 1.5% typical
Backlight current matching — ± 0.5% typical
Four programmable 200mA low-noise LDO regulators
PWM interface (200Hz to 50kHz) with internal digital
low-pass filter
Automatic sleep mode with all LEDs off
Shutdown current — 0.1µA typical
Ultra-thin package — 3 x 3 x 0.6 (mm)
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Cellular phones, smart phones, and PDAs
LCD modules
Portable media players and digital cameras
Personal navigation devices
Display/keypad backlighting and LED indicators
Description
The SC668 is a highly integrated light management unit
that provides programmable current for up to eight LED
current sinks. Four LED banks are provided to allow set-
tings for various LED zones or indicators. Four low-noise
LDOs with programmable outputs ranging from 1.2V to 3.3V
and 200mA maximum output current are also included.
ADP limits the maximum LED current to a level that ensures
the LEDs maintain matched currents when the supply
voltage approaches dropout. This feature produces accept-
able light output at low supply voltage levels without
requiring a boost converter or charge pump.
Two interfaces are provided for design flexibility. The I2C
interface controls the LED on/off functions, assigns the
LEDs to backlight banks, programs the LED currents, pro-
grams the lighting effects, enables the LDOs, and sets the
LDO output voltages. The PWM interface reduces the
current setting for LED bank #1 by a factor equal to the duty
cycle of the applied PWM signal. A filter at the PWM input
converts the pulsed signal to a DC current level, resulting in
less switching noise compared to pulsed current methods.
The ADI input translates the voltage from an external ALS
(Ambient Light Sensor) into a digitized code using a sigma-
delta ADC. This block includes level detection to adjust the
current setting of bank #1 with two different programmable
levels based on the ambient light level. An interrupt output
transitions low to notify the host processor that a level
adjustment has been made.


Similar Part No. - SC668

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
SC66 QUECTEL-SC66 Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-A QUECTEL-SC66-A Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-CE QUECTEL-SC66-CE Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-E QUECTEL-SC66-E Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
SC66-J QUECTEL-SC66-J Datasheet
706Kb / 2P
Multi-mode Smart LTE Cat 6 Module with Wi-Fi & Bluetooth
More results

Similar Description - SC668

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
307Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC624A SEMTECH-SC624A Datasheet
295Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and I2C Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC624A SEMTECH-SC624A_09 Datasheet
302Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and I2C Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC644 SEMTECH-SC644 Datasheet
609Kb / 26P
Light Management Unit with 4 LDOs and SemPulse짰Interface
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
Light Management Unit with 2 LDOs and SemPulse짰Interface
SC667 SEMTECH-SC667 Datasheet
1Mb / 47P
7 LED Light Management Unit Automatic Dropout Prevention, Ambient Light Sense Input, PWM Dimming, and 4 LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com