Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 26 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 22Page - Semtech Corporation SC668 Datasheet HTML 23Page - Semtech Corporation SC668 Datasheet HTML 24Page - Semtech Corporation SC668 Datasheet HTML 25Page - Semtech Corporation SC668 Datasheet HTML 26Page - Semtech Corporation SC668 Datasheet HTML 27Page - Semtech Corporation SC668 Datasheet HTML 28Page - Semtech Corporation SC668 Datasheet HTML 29Page - Semtech Corporation SC668 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
SC668
26
Register Map(1)
Register
Address
D7
D6
D5
D4
D3
D2
D1
D0
Description
00h
0(2)
0(2)
BL6EN
BL5EN
BL4EN
BL3EN
BL2EN
BL1EN Backlight enable for BL1 — BL6
01h
0(2)
0(2)
DIS
EN
X(3) /
BANK4EN
X(3) /
BANK3EN
BL8EN /
BANK2EN
BL7EN /
BANK1EN
Bank enable, plus backlight enable for
BL7 — BL8
02h
0(2)
0(2)
B1FEN
IB1_4
IB1_3
IB1_2
IB1_1
IB1_0 Fade enable and bank #1 backlight current(4)
03h
0(2)
0(2)
B2FEN
IB2_4
IB2_3
IB2_2
IB2_1
IB2_0 Fade enable and bank #2 backlight current(4)
04h
0(2)
0(2)
B3FEN
IB3_4
IB3_3
IB3_2
IB3_1
IB3_0 Fade enable and bank #3 backlight current(4)
05h
0(2)
0(2)
B4FEN
IB4_4
IB4_3
IB4_2
IB4_1
IB4_0 Fade enable and bank #4 backlight current(4)
06h
0(2)
0(2)
B1BEN
IBT1_4
IBT1_3
IBT1_2
IBT1_1
IBT1_0 Blink/breathe bank #1 target backlight settings
07h
0(2)
0(2)
B2BEN
IBT2_4
IBT2_3
IBT2_2
IBT2_1
IBT2_0 Blink/breathe bank #2 target backlight settings
08h
0(2)
0(2)
B3BEN
IBT3_4
IBT3_3
IBT3_2
IBT3_1
IBT3_0 Blink/breathe bank #3 target backlight settings
09h
0(2)
0(2)
B4BEN
IBT4_4
IBT4_3
IBT4_2
IBT4_1
IBT4_0 Blink/breathe bank #4 target backlight settings
0Ah
0(2)
0(2)
0(2)
0(2)
LDO1V3 LDO1V2 LDO1V1 LDO1V0 LDO 1 voltage settings
0Bh
0(2)
0(2)
0(2)
0(2)
0(2)
LDO2V2 LDO2V1 LDO2V0 LDO 2 voltage settings
0Ch
0(2)
0(2)
0(2)
0(2)
LDO3V3 LDO3V2 LDO3V1 LDO3V0 LDO 3 voltage settings
0Dh
0(2)
0(2)
0(2)
0(2)
LDO4V3 LDO4V2 LDO4V1 LDO4V0 LDO 4 voltage settings
0Eh
0(2)
0(2)
0(2)
GRP1
GRP0
BANK2
BANK1
BANK0 Lighting effects assignments, banks & groups
0Fh
0(2)
0(2)
ER2_2
ER2_1
ER2_0
ER1_2
ER1_1
ER1_0 Effect rates for group #1 and group #2
10h
0(2)
0(2)
TT1_2
TT1_1
TT1_0
ST1_2
ST1_1
ST1_0 Target time and start time for group #1
11h
0(2)
0(2)
TT2_2
TT2_1
TT2_0
ST2_2
ST2_1
ST2_0 Target time and start time for group #2
12h
AD_CMP AD_INT AD_SATEN AD_OF
AD_UF
CLR_INT AD_AUTO AD_EN ALS function
13h
AD_O7
AD_O6
AD_O5
AD_O4
AD_O3
AD_O2
AD_O1
AD_O0 ADC output AD
OUT
14h
AD_R7
AD_R6
AD_R5
AD_R4
AD_R3
AD_R2
AD_R1
AD_R0 ADC rising threshold AD
RISE
15h
AD_F7
AD_F6
AD_F5
AD_F4
AD_F3
AD_F2
AD_F1
AD_F0 ADC falling threshold AD
FALL
16h
0(2)
ADP_ACT ADP_RATE ADP_EN OLE_EN2 OLE_EN1 OLE_EN0 PWM_BYP
Other lighting effects — auto-dim full or par-
tial, auto-dim enable
Notes:
(1) Reset value for all registers = 00h
(2) 0 = always write a 0 to these bits
(3) X = no function — see register 01h description for more details.
(4) Registers 02h, 03h, 04h, and 05h serve as the “start” setting for blink/breathe lighting effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com