Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 14Page - Semtech Corporation SC668 Datasheet HTML 15Page - Semtech Corporation SC668 Datasheet HTML 16Page - Semtech Corporation SC668 Datasheet HTML 17Page - Semtech Corporation SC668 Datasheet HTML 18Page - Semtech Corporation SC668 Datasheet HTML 19Page - Semtech Corporation SC668 Datasheet HTML 20Page - Semtech Corporation SC668 Datasheet HTML 21Page - Semtech Corporation SC668 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
SC668
18
Notes for figures on previous page
t
1 = start of cycle
t
2 = end of cycle
t
START = The time that the bank’s current remains at the start value.
t
TARGET = The time that the bank’s current remains at the target value.
t
BREATHE = The time that the bank’s current will continue to increase or
decrease during a breathe cycle. Breathe time is determined by multi-
plying the breathe rate by the number of steps (from Table1). Breathe
rate is a group dependent value of the effect rate register 0Fh.
t
FADE_IN = The fade time of increasing bank current, determined by
multiplying the fade rate by the number of steps (from Table 1). Fade
rate is a group dependent value of the effect rate register 0Fh.
t
FADE_OUT = The fade time of decreasing bank current, determined by
multiplying the fade rate by the number of steps (from Table 1). Fade
rate is a group dependent value of the effect rate register 0Fh. t
FADE_IN
is always equal to t
FADE_OUT.
I
BL_START = The bank current at the start of the cycle. This is the bank
dependent value of register 02h, 03h, 04h, or 05h.
I
BL_TARGET = The bank current at the end of the cycle. This is the bank
dependent value of register 06h, 07h, 08h, or 09h.
I
BL_INITIAL = The bank dependent value of register 02h, 03h, 04h, or 05h.
I
BL_FINAL = The bank dependent value of register 02h, 03h, 04h, or 05h.
NOTE: “START” and “TARGET” subscripts apply only to blink and
breathe effects which require a target value to complete a cycle.
“INITIAL” and “FINAL” subscripts apply when changing a bank’s current
without use of the target registers.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com