Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 17Page - Semtech Corporation SC668 Datasheet HTML 18Page - Semtech Corporation SC668 Datasheet HTML 19Page - Semtech Corporation SC668 Datasheet HTML 20Page - Semtech Corporation SC668 Datasheet HTML 21Page - Semtech Corporation SC668 Datasheet HTML 22Page - Semtech Corporation SC668 Datasheet HTML 23Page - Semtech Corporation SC668 Datasheet HTML 24Page - Semtech Corporation SC668 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
SC668
21
Applications Information (continued)
0.0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
Step Count
0.0
1.0
2.0
3.0
4.0
5.0
6.0
10
20
30
40
50
60
Step Count
6.0
6.5
7.0
7.5
8.0
54
56
58
60
62
64
Step Count
8
9
10
11
12
64
68
72
76
80
Step Count
12
15
18
21
24
27
80
85
90
95
100
105
110
Step Count
Figure 10 — Backlight Steps (0.0mA to 0.5mA)
Figure 11 — Backlight Steps (0.5mA to 6.0mA)
Figure 12 — Backlight Steps (6.0mA to 8.0mA)
Figure 13 — Backlight Steps (8.0mA to 12.0mA)
Figure 15 — Backlight Steps (0.0mA to 25.0mA)
Figure 14 — Backlight Steps (12.0mA to 25.0mA)
NOTES:
·=Programmablebacklightsteps,о=Non-programmablefade/breathesteps
0
5
10
15
20
25
0
20
40
60
80
100
120
Step Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com