Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 4Page - Semtech Corporation SC668 Datasheet HTML 5Page - Semtech Corporation SC668 Datasheet HTML 6Page - Semtech Corporation SC668 Datasheet HTML 7Page - Semtech Corporation SC668 Datasheet HTML 8Page - Semtech Corporation SC668 Datasheet HTML 9Page - Semtech Corporation SC668 Datasheet HTML 10Page - Semtech Corporation SC668 Datasheet HTML 11Page - Semtech Corporation SC668 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
SC668
8
Typical Characteristics — Backlights (continued)
Group #1 Blink Function (25mA)
— 25mA
Time (400ms/div)
I
BL (10mA/div)
Start time = 32ms, target time = 3072ms
0mA
Group #1 Breathe Function (20mA to 0.5mA)
— 20mA
Time (1000ms/div)
I
BL (10mA/div)
Breathe rate = 24ms, start time = 32ms, target time = 1024ms
— 0.5mA
Bank #1 with ADP (rate = 256µs)
0mA
Time (10ms/div)
I
BL (10mA/div)
V
IN (500mV/div)
Battery transient condition: 100Hz, 12.5% duty cycle
15mA
3.40V
3.05V
15mA
11mA
Backlight with ADP (rate = 4ms)
Time (20ms/div)
I
BL (10mA/div)
V
IN (500mV/div)
Battery transient condition: 50Hz, 30% duty cycle
15mA
3.32V
2.98V
8mA
14
13
12
11
10
9
0mA —
Backlight Dimming with ALS and Fade
Time (1000ms/div)
I
BL (10mA/div)
V
ADI (1V/div)
V
IN = 3.7V, VLDO4 = 2.8V, ADRISE = B0h, ADFALL = 80h, 4ms fade rate
10mA
0.5mA
0V —
0.5mA
2.8V —
ADC reference
brighter
dimmer
ambient
lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com