Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 3Page - Semtech Corporation SC668 Datasheet HTML 4Page - Semtech Corporation SC668 Datasheet HTML 5Page - Semtech Corporation SC668 Datasheet HTML 6Page - Semtech Corporation SC668 Datasheet HTML 7Page - Semtech Corporation SC668 Datasheet HTML 8Page - Semtech Corporation SC668 Datasheet HTML 9Page - Semtech Corporation SC668 Datasheet HTML 10Page - Semtech Corporation SC668 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
SC668
7
Typical Characteristics — Backlights
Backlight Efficiency (8 LEDs)
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
η = (∑PLED1-8)/(VIN × IIN + VA × IA), IOUT = 8 × IBL, VA = VIN, TA = 25°C
VIN (V)
IBL = 25mA
IBL = 12mA
IBL = 5mA
IBL = 1mA
IBL = 0.5mA
VF = 3.24V
VF = 3.10V
VF = 2.97V
VF = 2.80V
VF = 2.74V
I
IN Supply Current (8 LEDs)
1.0
1.1
1.2
1.3
1.4
1.5
2.7
3.0
3.3
3.6
3.9
4.2
IOUT = 8 × IBL, VA = VIN, TA = 25°C
VIN (V)
IBL = 25 mA, VF = 3.24V
IBL = 12 mA, VF = 3.10V
IBL = 5 mA, VF = 2.97V
IBL = 1 mA, VF = 2.80V
IBL = 0.5 mA, VF = 2.74V
Dropout Voltage V
DO vs IBL (6 LEDs)
IBLSetting (mA)
VDO = VBLn when IBLn has dropped 10% from the target value
TA=85°C
TA=-40°C
10
20
30
40
50
60
70
80
0
5
10
15
20
25
TA=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com