Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 27 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 23Page - Semtech Corporation SC668 Datasheet HTML 24Page - Semtech Corporation SC668 Datasheet HTML 25Page - Semtech Corporation SC668 Datasheet HTML 26Page - Semtech Corporation SC668 Datasheet HTML 27Page - Semtech Corporation SC668 Datasheet HTML 28Page - Semtech Corporation SC668 Datasheet HTML 29Page - Semtech Corporation SC668 Datasheet HTML 30Page - Semtech Corporation SC668 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
SC668
27
Register Map (continued)
Definition of Registers and Bits
Backlight Enable Register (00h)
The bits of register 00h are used to enable individual back-
light current sinks BL1 through BL6.
BL6EN through BL1EN [D5:D0]
These bits are used to enable current sinks which control
backlight current. When enabled, the current sinks will
regulate the backlight current set by the corresponding
backlight current register.
Bank Enable Register (01h)
The bits of register 01h are multi-function bits. The func-
tion of bits D3 through D0 depend upon the state of bits
D5 and D4. Bits D3 through D0 may be used to turn indi-
vidual banks on and off. An alternate function of bits D1
and D0 is to enable and disable backlights BL7 and BL8.
Figure 19 shows how the function of bits D3 through D0
change according to the state of the DIS bit D5 and the EN
bit D4.
DIS [Bit D5]
When writing to register 01h, if DIS bit D5 = 1 and EN bit
D4 = 0, then bits D3 through D0 can each disable one of
four banks. When disabling a bank, all associated BLxEN
bits are automatically overwritten with a zero.
EN [Bit D4]
When writing to register 01h, if EN bit D4 = 1 and DIS bit
D5 = 0, then bits D3 through D0 can each enable one of
four banks. When enabling a bank, all associated BLxEN
bits are automatically overwritten with a one.
BANK4EN through BANK1EN [Bits D3:D0]
The following bits — BANK4EN, BANK3EN, BANK2EN, and
BANK1EN are used to enable or disable individual back-
light banks dependent upon the state of the DIS and EN
bits, D5 and D4. These bits provide no function when both
DIS and EN are equal to one.
BL8EN and BL7EN [Alternate Function for Bits D1:D0]
These bits are used to enable current sinks which control
backlight current for backlights BL7 and BL8. When
enabled, the current sinks will regulate the backlight
current set by the corresponding backlight current
register.
DIS = 0
EN = 0
DIS = 0
EN = 1
DIS = 1
EN = 0
DIS = 1
EN = 1
D3=1 enables bank #4
D2=1 enables bank #3
D1=1 enables bank #2
D0=1 enables bank #1
D3=1 does nothing
D2=1 does nothing
D1=1 enables BL8
D0=1 enables BL7
D3=1 does nothing
D2=1 does nothing
D1=1 does nothing
D0=1 does nothing
(1) Bit functions are
active high only, a
zero has no function
Register 01h
Bits [D3:D0] (1)
D3=1 disables bank #4
D2=1 disables bank #3
D1=1 disables bank #2
D0=1 disables bank #1
Figure 19 — Multi-function Bits of Register (01h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com