Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 9Page - Semtech Corporation SC668 Datasheet HTML 10Page - Semtech Corporation SC668 Datasheet HTML 11Page - Semtech Corporation SC668 Datasheet HTML 12Page - Semtech Corporation SC668 Datasheet HTML 13Page - Semtech Corporation SC668 Datasheet HTML 14Page - Semtech Corporation SC668 Datasheet HTML 15Page - Semtech Corporation SC668 Datasheet HTML 16Page - Semtech Corporation SC668 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
SC668
13
General Description
The SC668 is optimized for handheld applications sup-
plied from a single cell Li-Ion and includes the following
key features:
Eight matched current sinks — BL1, BL2, BL3,
BL4, BL5, BL6, BL7, and BL8 regulate LED back-
lighting current, with 0mA to 25mA per LED.
Four adjustable LDOs — LDO1, LDO3, and LDO4
are adjustable with 15 settings from 1.5V to 3.3V.
LDO2 is adjustable with 7 settings from 1.2V to
1.8V.
ALS with a sigma-delta ADC that can also be used
for general purpose ADC functions.
PWM with an internal digital low-pass filter
I2C Bus fast mode and standard mode
LED Backlight Current Settings
The backlight current is set via the I2C interface. The current
is regulated to one of 32 values between 0mA and 25mA.
The step size varies depending upon the current setting.
The first three steps are 50µA, 100µA, and 200µA. Between
0.5mA and 5mA, the step size is 0.5mA. The step size
increases to 1mA for settings between 5mA and 21mA.
Steps are 2mA between 21mA and 25mA. The variation in
step size allows finer adjustment for dimming functions in
the low current range and coarse adjustment at higher
current settings where larger changes are not visible. The
settings are psuedo-logarithmic. A zero setting also disables
the current sink, providing an alternative to the enable bit.
LED Backlight Current Sinks
Backlight current is independent of forward voltage mis-
match (∆V
F) between LEDs. When two or more backlight
sinks are set to the same target current, their currents will
match, even if the LED voltages are different. The backlight
current sinks are designed with a low dropout voltage (typi-
cally 59mV for a bank of 6 LEDs at 20mA) to optimize run-time
when the LED anode voltage is provided by a battery.
LED Anode Supply
In the typical application circuit, the battery voltage sup-
plies the LEDs. An alternative to this configuration is to
connect the LED anodes to a second DC supply as shown
in Figure 1. Such a connection is especially useful when
an alternate voltage that is slightly higher than the
•
•
•
•
•
forward voltage of the LEDs is available. The resulting
efficiency in this scenario would be optimal. To achieve
best accuracy, the current sink amplifier requires the
LED sink pin (BLn) to be within the operational range of
V
DO ≤ VBLn ≤ 4.2V. When the sink is off, VBLn may float as
high as 5.5V.
SC668
IN
GND
BL3
BL7
BL1
CIN
BL2
BL4
BL5
BL6
VA
VIN
VBL1
VBL2
VBL3
VBL4
VBL5
VBL6
VBL7
BL8 VBL8
Figure 1 — Anode Supply
Unused Backlight Current Sinks
The backlight LEDs default to the off state upon power-
up. For backlight applications using fewer than 8 LEDs,
any unused output must be left open or grounded and
the unused LED must remain disabled. When writing to
the backlight enable register, a zero (0) must be written
to the corresponding enable bit of any unused output.
Backlight Quiescent Current
The quiescent current required to operate the backlights
is reduced when backlight current is less than 8.0mA. This
feature results in higher efficiency under light-load con-
ditions. Further quiescent current reduction will result
from using fewer LEDs.
Backlight Configuration into Banks
The eight LED backlight drivers can be assigned to a single
bank or divided among up to four independent banks —
refer to the Register Map section for more details. The
independent banks can each be configured with different
settings for backlight current and fade operation.
Bank Configuration into Groups
The four backlight banks can be assigned to two groups
(group #1 and group #2). Each group provides indepen-
dent settings for the fade and breathe effect rate options.
Each group also provides independent settings for target
time and start time, which are used to customize the
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com