Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 18Page - Semtech Corporation SC668 Datasheet HTML 19Page - Semtech Corporation SC668 Datasheet HTML 20Page - Semtech Corporation SC668 Datasheet HTML 21Page - Semtech Corporation SC668 Datasheet HTML 22Page - Semtech Corporation SC668 Datasheet HTML 23Page - Semtech Corporation SC668 Datasheet HTML 24Page - Semtech Corporation SC668 Datasheet HTML 25Page - Semtech Corporation SC668 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
SC668
22
Applications Information (continued)
Protection Features
The SC668 provides OT (Over-temperature) protection
and LDO current limiting to safeguard the device from
catastrophic failures.
Over-Temperature Protection
The OT protection circuit prevents the device from over-
heating and experiencing a catastrophic failure. When the
junction temperature exceeds 165°C, the device goes into
thermal shutdown with all outputs disabled until the junc-
tion temperature is reduced. All register information is
retained during thermal shutdown. Hysteresis of 30°C is
provided to ensure that the device cools sufficiently before
re-enabling.
LDO Current Limit
The device limits current at each LDO output pin. The
typical limit is 400mA, with a minimum limit rating of
200mA. The LDOs may be used for up to 200mA without
tripping the current limit.
Thermal Management
A junction temperature calculation should be performed
for each new application design to ensure the device will
not exceed 125°C during normal operation. The first step
is to determine how much power can be dissipated by the
SC667 in the application. The following formula approxi-
mates the maximum dissipation. This formula can be used
to sum the maximum internal power dissipation required
of each LDO and each backlight sink.
7
1
m
BLm
BLm
4
1
n
LDOn
LDOn
IN
D
I
V
I
)
V
V
(
P
The resulting power dissipation can then be used in the
calculation for maximum junction temperature.
D
JA
A
J
P
T
T
where,
T
A = Maximum ambient temperature rating in °C.
Q
JA= Thermal resistance, from junction to ambient, equal
to 35°C/W for a optimum circuit board layout.
General Purpose ADC
The ADI pin may also be used for general purpose ADC
functions. For example, a linear temperature sensor may
be added to the application circuit, and the SC667 may
provide temperature data or an over-temperature warning
flag. In this case, registers 13h, 14h, and 15h can be used
to store the ADC reading and set thresholds that will
trigger and interrupt output if the reading does not remain
between them.
Programmable LDO Outputs
Four LDO (low dropout) regulators are included to supply
power to peripheral circuits. Each LDO output voltage
setting has ±3.5% accuracy over the line, load, and operat-
ing temperature ranges. Output current greater than
specification is possible at somewhat reduced accuracy
(refer to the typical characteristic section of this datasheet
for load regulation examples). LDO1, LDO3, and LDO4
have identical specifications, with a programmable output
ranging from 1.5V to 3.3V. LDO2 is specified to operate
with programmable output ranging from 1.2V to 1.8V. All
of the LDOs are low noise and can be used with noise sen-
sitive circuits.
LDO4 is internally connected to the ADC (Analog to Digital
Converter) to provide the reference voltage for the ADC.
LDO4 must be enabled for the ADC to function. When the
ALS function is used, LDO4 may also be used to provide
power to the external ALS circuit.
Shutdown Mode
The device is disabled when the EN pin is held low for the
shutdown time specified in the electrical characteristics
section. All registers are reset to default conditions at shut-
down. Typical current consumption in this mode is 0.1µA.
Sleep Mode
Sleep mode is activated when all backlights are off. This is
a reduced current mode that helps minimize overall
current consumption. In sleep mode, the I2C interface
continues to monitor its input for commands from the
host processor. All registers retain their settings in sleep
mode. Typical current consumption in this mode is 90µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com