Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC668 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SC668
Description  8 LED Light Management Unit Automatic Dropout Prevention , Ambient Light Sense Input, PWM Dimming, and 4 LDOs
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC668 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SC668 Datasheet HTML 20Page - Semtech Corporation SC668 Datasheet HTML 21Page - Semtech Corporation SC668 Datasheet HTML 22Page - Semtech Corporation SC668 Datasheet HTML 23Page - Semtech Corporation SC668 Datasheet HTML 24Page - Semtech Corporation SC668 Datasheet HTML 25Page - Semtech Corporation SC668 Datasheet HTML 26Page - Semtech Corporation SC668 Datasheet HTML 27Page - Semtech Corporation SC668 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
SC668
24
the appropriate 8 bit data byte. Once again, the slave
acknowledges and the master terminates the transfer with
the stop condition [P].
Combined Format — Read
After the start condition [S], the slave address is sent, fol-
lowed by an eighth bit indicating a write. The SC668 I2C
then acknowledges that it is being addressed, and the
master responds with an 8 bit data byte consisting of the
register address. The slave acknowledges and the master
sends the repeated start condition [Sr]. Once again, the
slave address is sent, followed by an eighth bit indicating
a read. The slave responds with an acknowledge and the
8 bit data from the previously addressed register; the
master then sends a non-acknowledge (NACK). Finally, the
master terminates the transfer with the stop condition [P].
Stop Separated Reads
Stop-separated reads can also be used. This format allows
a master to set up the register address pointer for a read
and return to that slave at a later time to read the data. In
this format the slave address followed by a write command
are sent after a start [S] condition. The SC668 then
acknowledges it is being addressed, and the master
responds with the 8-bit register address. The master sends
a stop or restart condition and may then address another
slave. After performing other tasks, the master can send a
start or restart condition to the SC668 with a read
command. The device acknowledges this request and
returns the data from the register location that had previ-
ously been set up.
The I2C General Specification
The SC668 is a read-write slave-mode I2C device and com-
plies with the Philips I2C standard Version 2.1, dated
January 2000. The SC668 has twenty-three user-accessible
internal 8-bit registers. The I2C interface has been designed
for program flexibility, supporting direct format for write
operation. Read operations are supported on both com-
bined format and stop separated format. While there is no
auto increment/decrement capability in the SC668 I2C
logic, a tight software loop can be designed to randomly
access the next register independent of which register
you begin accessing. The start and stop commands frame
the data-packet and the repeat start condition is allowed
if necessary.
SC668 Limitations to the I2C Specifications
The SC668 only recognizes seven bit addressing. This
means that ten bit addressing and CBUS communication
are not compatible. The device can operate in either stan-
dard mode (100kbit/s) or fast mode (400kbit/s).
Slave Address Assignment
The seven bit slave address is 1110 000x. The eighth bit is
the data direction bit. E0h is used for a write operation,
and E1h is used for a read operation.
Supported Formats
The supported formats are described in the following
subsections.
Direct Format — Write
The simplest format for an I2C write is direct format. After
the start condition [S], the slave address is sent, followed
by an eighth bit indicating a write. The SC668 I2C then
acknowledges that it is being addressed, and the master
responds with an 8 bit data byte consisting of the register
address. The slave acknowledges and the master sends
Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com