Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 2 Page - Princeton Technology Corp

  FS8170 Datasheet HTML 1Page - Princeton Technology Corp FS8170 Datasheet HTML 2Page - Princeton Technology Corp FS8170 Datasheet HTML 3Page - Princeton Technology Corp FS8170 Datasheet HTML 4Page - Princeton Technology Corp FS8170 Datasheet HTML 5Page - Princeton Technology Corp FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FS8170
Page 2
July 2005
Pin Descriptions
Functional Block Diagram
Number
Name
I/O
Description
1
XIN
I
Reference crystal oscillator or external clock input with internally biased amplifier
2
XOUT
O
Reference crystal oscillator output
3
VP
Power supply voltage for the charge pump
4
VCC
Power supply voltage
5
DO
O
Single-ended charge pump output
6
VSS
Ground
7
XFIN
I
Complementary input for prescaler (normally ac-bypassed via a capacitor)
8
FIN
I
VCO frequency input with internally biased input amplifier
9
CLK
I
Shift register clock input
10
DATA
I
Serial data input
11
LE
I
Load enable signal input
12
EN
I
Power-down control
13
ZC
I
Forced high-impedance control for the charge pump
14
FOLD
O
Multiplexed CMOS level output (see Functional Description section for programming infor-
mation)
15
φP
O
Phase comparator N-channel open drain output for an external charge pump
16
φR
O
Phase comparator CMOS inverter output for an external charge pump
PFD
LD MUX
FIN
DATA
CLK
LE
CONTROL
LOGIC
SHIFT REGISTER
FOLD
DO
LOCK
DETECTOR
EN
N-LATCH
N-COUNTER
R-COUNTER
CHARGE
PUMP
OSC
N-PRESCALER
XOUT
XIN
R-LATCH
XFIN
φR
φP
ZC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com