Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 5Page - Princeton Technology Corp FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp FS8170 Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FS8170
Page 9
July 2005
Phase/Frequency Detector (PFD)
The PFD compares an internal input frequency divider output signal, f
V, with an internal
reference frequency divider output signal, f
R, and generates an error signal, DO, which is
proportional to the phase error between f
V and fR. The DO output is intended for use with
a passive filter as shown in Fig. 2 (a). The polarity of DO is selectable by setting the bit FC
to high or low. The setting should depend on the frequency-voltage characteristic of exter-
nal VCO as depicted in Fig. 2 (b).
The input/output waveforms for the PFD are shown in Fig. 3.
Fig. 2 – Low-pass filter and external VCO frequency-voltage characteristic
Table 6: Data format for FC bit (LDS = HIGH)
FC = HIGH
FC = LOW
DO
φR
φPFOLD
DO
φR
φPFOLD
f
R > fV
HL
L
FOLD =
f
R
LH
Za
FOLD =
f
V
f
R < fV
LHZ
H
L
L
f
R = fV
Z
L
ZZ
L
Z
a. Z denotes high impedance state
DO
VCO
(a) Passive low-pass filter
(1)
(2)
f
VCO
V
DO
(b) VCO frequency-voltage characteristic
Note: If VCO has a positive tuning curve similiar to trace
(1), set FC = “H,” otherwise if the VCO has a negative
tuning curve similar to trace (2), set FC = “L.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com