Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp FS8170 Datasheet HTML 13Page - Princeton Technology Corp FS8170 Datasheet HTML 14Page - Princeton Technology Corp FS8170 Datasheet HTML 15Page - Princeton Technology Corp FS8170 Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
FS8170
Page 12
July 2005
Measurement Circuit Setup
The circuit shown in Fig. 4 is used for measuring the input sensitivity of the FIN input of
the PLL.
Fig. 4 – FIN input sensitivity test circuit
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
XIN
XOUT
VP
VCC
DO
VSS
XFIN
FIN
φP
FOLD
ZC
EN
LE
DATA
CLK
φR
S.G.
S.G.
1000pF
1000pF
50
Ω
50
Ω
1000pF
0.1
µF
From Controller
Vcc
To Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com