Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 1 Page - Princeton Technology Corp

  FS8170 Datasheet HTML 1Page - Princeton Technology Corp FS8170 Datasheet HTML 2Page - Princeton Technology Corp FS8170 Datasheet HTML 3Page - Princeton Technology Corp FS8170 Datasheet HTML 4Page - Princeton Technology Corp FS8170 Datasheet HTML 5Page - Princeton Technology Corp FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Page 1
July 2005
FS8170 2.5 GHz Low Power Phase-locked Loop IC
Princeton Technology Corp. reserves the right to change the product described in this datasheet. All information con-
tained in this datasheet is subject to change without prior notice. Princeton Technology Corp. assumes no responsibility
for the use of any circuits shown in this datasheet.
Description
The FS8170 IC is a serial data input, fully programmable phase-locked loop with a 2.5
GHz prescaler for use in the local oscillator subsystem of radio transceivers. Multi-modu-
lus division ratios of 32/33 and 64/65 are selectable thru serial programming to enable
pulse swallowing operation. When combined with an external VCO, the FS8170 becomes
the core of a very low power frequency synthesizer well-suited for mobile communication
applications, such as 2.4 GHz ISM-band wireless data links and cellular GSM and PCS.
The FS8170 is also pin compatible with Fujitsu’s MB15E07SL IC.
Features
Maximum input frequency: 2.5 GHz
Supply voltage range from 2.4 V to 3.6 V
Low current consumption in locked state: 3.5 mA typ. (V
CC = VP = 2.7 V, TA = +25 °C)
4.0 mA typ. (V
CC = VP = 3.0 V, TA= +25 °C)
10
µA max. in asynchronous power-down mode
Digitally-filtered lock detect output
18-bit programmable input frequency divider using ÷ 32/33/64/65 multi-modulus prescaler with divide ratio range
from 992 to 65631 for ÷ 32/33 mode and from 4032 to 131135 for ÷ 64/65 mode
14-bit programmable reference frequency divider with divide ratio range from 3 to 16383
Programmable charge pump current: 1.5 mA or 6 mA
Pin compatible with Fujitsu MB15E07, MB15E07L, MB15E07SL
16 pin, plastic TSSOP (0.65 mm pitch)
Package and Pin Assignment
16 pin, plastic TSSOP (dimensions in mm)
XIN
XOUT
VP
VCC
DO
VSS
XFIN
FIN
φR
φP
FOLD
ZC
EN
LE
DATA
CLK
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - FS8170

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8170 ETC1-FS8170 Datasheet
261Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
More results

Similar Description - FS8170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC568 NSC-LMC568 Datasheet
161Kb / 6P
Low Power Phase-Locked Loop
logo
List of Unclassifed Man...
FS8107E ETC-FS8107E Datasheet
128Kb / 10P
Low Power Phase-Locked Loop IC
FS8160 ETC1-FS8160 Datasheet
250Kb / 13P
1.1 GHz/1.1 GHz Dual Phase-locked Loop IC
FS8108 ETC1-FS8108 Datasheet
131Kb / 10P
Low Power Phase-Locked Loop IC
FS8170 ETC1-FS8170 Datasheet
261Kb / 17P
2.5 GHz Low Power Phase-locked Loop IC
logo
Texas Instruments
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
logo
Princeton Technology Co...
FS8107E PTC-FS8107E Datasheet
249Kb / 10P
Low Power Phase-Locked Loop IC
FS8108 PTC-FS8108 Datasheet
251Kb / 10P
Low Power Phase-Locked Loop IC
logo
Texas Instruments
LMC568 TI1-LMC568 Datasheet
805Kb / 12P
Low Power Phase-Locked Loop
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com