Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp FS8170 Datasheet HTML 13Page - Princeton Technology Corp FS8170 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FS8170
Page 10
July 2005
Fig. 3 – Phase comparator output waveforms
Charge Pump (CP)
The phase error signal, DO, generated from the PFD will pump charge into an external
loop filter, which then converts the charge to produce the VCO’s tuning voltage. With a
constant pumping rate, the shift of the VCO’s tuning voltage will be directly proportional
to the phase error signal DO. Two pumping rates, 1.5 mA and 6 mA, are provided by the
chip and are selectable through the bit CS as defined previously in Table 5. Also, the
charge pump characteristics corresponding to both modes are shown in the Typical Char-
acteristics section. The internal charge pump may be turned off by the pin ZC. When ZC
is set low, the internal charge pump will stay in its high-impedance state and will not pump
any charge into the external LPF. In this case, the user is allowed to utilize one’s own
charge pump by two control pins
φP and φR which are defined in Table 6. φP and φR are
the error signals directly proportional to the positive/negative phase error when FC = “H.”
When FC = “L,” the relation becomes negative/positive.
Table 7: Setting for the pin ZC
ZC
Do Output
H
Normal output
L
High impedance
f
R
f
V
DO
LD
[FC=”H”]
DO
[FC=”L”]
1.
Pulses of finite width on DO output are generated during locked state to prevent dead zone.
2.
A “locked” condition (LD is HIGH) is indicated when the phase error is less than t1 or t2 at least for
3 consecutive comparison cycles, otherwise an “unlocked” condition (LD is LOW) is indicated.
3.
The values of t
1 and t2 depend on the XIN input frequency:
t
1 > 2/fosc (e.g. t1 > 250 ns, if fXIN = 8 MHz)
t
2 > 2/fosc (e.g. t2 > 250 ns, if fXIN = 8 MHz)
4.
LD becomes HIGH during power-down mode (when EN is set LOW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com