Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 4Page - Princeton Technology Corp FS8170 Datasheet HTML 5Page - Princeton Technology Corp FS8170 Datasheet HTML 6Page - Princeton Technology Corp FS8170 Datasheet HTML 7Page - Princeton Technology Corp FS8170 Datasheet HTML 8Page - Princeton Technology Corp FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FS8170
Page 8
July 2005
Table 2: Binary 7-bit data format for swallow counter
Divide
ratio
(A)
A
7
A
6
A
5
A
4
A
3
A
2
A
1
0
0000000
1
0000001
.
.......
127
1111111
Table 3: Binary 11-bit data format for main counter
Divide
ratio
(B)
N
11
N
10
N
9
N
8
N
7
N
6
N
5
N
4
N
3
N
2
N
1
3
0
0000000011
4
0
0000000100
.
...........
2047
1
1111111111
Table 4: Binary 14-bit data format for reference counter
Divide
ratio
(R)
R
14
R
13
R
12
R
11
R
10
R
9
R
8
R
7
R
6
R
5
R
4
R
3
R
2
R
1
3
000
00000000011
4
000
00000000100
.
..............
16383
111
11111111111
Table 5: Data format for 3 optional bits
Bit
H
L
Description
SW
32/33
64/65
Prescaler dual-modulus ratio setting
CS
+ 6 mA
+ 1.5 mA
Charge pump current setting
LDS
FO signal
LD signal
FOLD output select setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com