Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8170 Datasheet(PDF) 14 Page - Princeton Technology Corp

Part # FS8170
Description  2.5 GHz Low Power Phase-locked Loop IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8170 Datasheet(HTML) 14 Page - Princeton Technology Corp

Back Button FS8170 Datasheet HTML 9Page - Princeton Technology Corp FS8170 Datasheet HTML 10Page - Princeton Technology Corp FS8170 Datasheet HTML 11Page - Princeton Technology Corp FS8170 Datasheet HTML 12Page - Princeton Technology Corp FS8170 Datasheet HTML 13Page - Princeton Technology Corp FS8170 Datasheet HTML 14Page - Princeton Technology Corp FS8170 Datasheet HTML 15Page - Princeton Technology Corp FS8170 Datasheet HTML 16Page - Princeton Technology Corp FS8170 Datasheet HTML 17Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
FS8170
Page 14
July 2005
XIN Input Sensitivity
Fig. 6 – XIN input sensitivity vs. frequency
0
50
100
150
200
250
-35
-30
-25
-20
-15
-10
-5
0
5
10
SPEC
XIN Input Sensitivity
XIN (MHz)
Vcc=2.4V
Vcc=3.0V
Vcc=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com